Electronic Components Datasheet Search
  English  ▼

X  

TMD26203M Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TMD26203M
Description  Proximity Sensor Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26203M Datasheet(HTML) 2 Page - OSRAM GmbH

  TMD26203M Datasheet HTML 1Page - OSRAM GmbH TMD26203M Datasheet HTML 2Page - OSRAM GmbH TMD26203M Datasheet HTML 3Page - OSRAM GmbH TMD26203M Datasheet HTML 4Page - OSRAM GmbH TMD26203M Datasheet HTML 5Page - OSRAM GmbH TMD26203M Datasheet HTML 6Page - OSRAM GmbH TMD26203M Datasheet HTML 7Page - OSRAM GmbH TMD26203M Datasheet HTML 8Page - OSRAM GmbH TMD26203M Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Datasheet, Public
Page 1
[v2-00] 2023-Feb-23
Document Feedback
TMD2620
Proximity Sensor Module
The device is an advanced proximity sensor. The slim module
incorporates an IR LED and factory calibrated LED driver. The
proximity detection feature provides object detection (e.g.
mobile device screen to user’s ear) by photodiode detection of
reflected IR energy (sourced by the integrated LED).
Detect/release events are interrupt driven, and occur when
proximity result crosses upper and/or lower threshold settings.
The proximity engine features offset adjustment registers to
compensate for unwanted IR energy reflection at the sensor.
Proximity results are further improved by automatic ambient
light subtraction.
Ordering Information and Content Guide appear at end of
datasheet.
Figure 1:
Added Value of Using TMD2620
Applications
The TMD2620 is ideal for mobile phone touch screen disable.
Benefits
Features
• Reduced board space requirements and
enables low-profile system design
• Small footprint and low profile package
• 3.10 x 2.00 x 1.00 mm
• Reduced power consumption
• 0.18μm process technology with 1.8V I²C bus
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com