Electronic Components Datasheet Search
  English  ▼

X  

TMD26213 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TMD26213
Description  Proximity Sensor Module for Behind OLED Applications
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26213 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TMD26213 Datasheet HTML 4Page - OSRAM GmbH TMD26213 Datasheet HTML 5Page - OSRAM GmbH TMD26213 Datasheet HTML 6Page - OSRAM GmbH TMD26213 Datasheet HTML 7Page - OSRAM GmbH TMD26213 Datasheet HTML 8Page - OSRAM GmbH TMD26213 Datasheet HTML 9Page - OSRAM GmbH TMD26213 Datasheet HTML 10Page - OSRAM GmbH TMD26213 Datasheet HTML 11Page - OSRAM GmbH TMD26213 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
Datasheet, Public
Page 7
[v4-00] 2023-Apr-12
Document Feedback
TMD2621 − Detailed Description
Power Up
Upon power-up, device initialization occurs. During
initialization, the device cannot accept I²C transactions and will
deterministically send NAK for any I²C requests. All
communication with the device must be delayed, and all
outputs from the device (i.e. interrupts) must be ignored until
initialization completes. After initialization, the device enters
the SLEEP state in which the internal oscillator and other
circuitry are not active, resulting in ultra-low power
consumption. If an I²C transaction occurs during the SLEEP
state, the I²C core wakes up temporarily to service the
communication. When the Power ON bit, PON, is enabled, the
device enters the IDLE state in which the internal oscillator and
attendant circuitry are active, but power consumption remains
low. After PON is set, there is a 100μs wait time required before
enabling PEN. This allows the device time to settle the internal
node voltages and currents before starting the Proximity
measurements. When proximity measurement is enabled
(PEN=1), the device exits the IDLE state. When the function is
disabled (PEN=0), the device returns to the IDLE state.
Figure 9 shows the simplified state diagram of TMD2621. When
a proximity calibration is requested, it will take precedence over
the proximity measurement function. If Sleep After Interrupt is
enabled (SAI = 1 in register 0xAB), the state machine will enter
SLEEP when an interrupt occurs. Entering SLEEP will not change
any of the register settings (e.g. PON will still be high, but the
normal operational state is over-ridden by SLEEP state). SLEEP
state is terminated when the interrupt status register is cleared
(the status bit is in register 0xA0-0xA1).
Figure 9:
Simplified State Diagram
Detailed Description
SLEEP
IDLE
PON
PROXIMITY
PEN
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com