Electronic Components Datasheet Search
  English  ▼

X  

TMD26363M Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TMD26363M
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26363M Datasheet(HTML) 2 Page - OSRAM GmbH

  TMD26363M Datasheet HTML 1Page - OSRAM GmbH TMD26363M Datasheet HTML 2Page - OSRAM GmbH TMD26363M Datasheet HTML 3Page - OSRAM GmbH TMD26363M Datasheet HTML 4Page - OSRAM GmbH TMD26363M Datasheet HTML 5Page - OSRAM GmbH TMD26363M Datasheet HTML 6Page - OSRAM GmbH TMD26363M Datasheet HTML 7Page - OSRAM GmbH TMD26363M Datasheet HTML 8Page - OSRAM GmbH TMD26363M Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Datasheet, Public
Page 1
[v2-00] 2023-Jan-04
Document Feedback
TMD2636
Miniature Proximity Sensor Module
The TMD2636 features advanced proximity measurement in a
tiny (1.0mm x 2.0mm) and extremely thin (0.35mm) optical land
grid array module that incorporates a 940nm IR VCSEL and is
factory calibrated for IR proximity response. The proximity
detection feature provides object detection (e.g. close
proximity) by photodiode detection of reflected IR energy
sourced by the integrated VCSEL emitter. Detect/release events
can be interrupt driven, and occur when proximity result
crosses upper and/or lower threshold settings. The proximity
engine features a wide range offset adjustment to compensate
for unwanted IR energy reflection at the sensor. Proximity
results are further improved by automatic ambient light
subtraction.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TMD2636 Proximity Sensor Module
are listed below:
Figure 1:
Added Value of Using TMD2636
Benefits
Features
• Optimized for small wearable devices
• Tiny 1.0mm x 2.0mm x 0.35mm module
• Reduced power consumption
• 1.8V power supply with 1.8V I²C bus
• Sleep mode (0.7μA) with fast wakeup
• VCSEL IR emitter
• Enables superior proximity detection
• Integrated factory calibrated 940nm IR VCSEL
• Crosstalk and ambient light cancellation
• Wide configuration range
• Industrial design flexibility
• Dual photodiode architecture
• Offset emitter/detector package design
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com