Electronic Components Datasheet Search
  English  ▼

X  

TMD2672 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # TMD2672
Description  Digital Proximity Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2672 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button TMD2672 Datasheet HTML 26Page - OSRAM GmbH TMD2672 Datasheet HTML 27Page - OSRAM GmbH TMD2672 Datasheet HTML 28Page - OSRAM GmbH TMD2672 Datasheet HTML 29Page - OSRAM GmbH TMD2672 Datasheet HTML 30Page - OSRAM GmbH TMD2672 Datasheet HTML 31Page - OSRAM GmbH TMD2672 Datasheet HTML 32Page - OSRAM GmbH TMD2672 Datasheet HTML 33Page - OSRAM GmbH TMD2672 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
ams Datasheet
Page 29
[v1-00] 2015-Mar-23
Document Feedback
TMD2672 − Principles of Operation
Status Register (0x13)
The Status Register provides the internal status of the device.
This register is read only.
Figure 38:
Status Register
Proximity Data Register (0x18 - 0x19h)
Proximity data is stored as a 16-bit value. To ensure the data is
read correctly, a two-byte I²C read transaction should be
utilized with auto increment protocol bits set in the Command
Register. With this operation, when the lower byte register is
read, the upper eight bits are stored into a shadow register,
which is read by a subsequent read to the upper byte. The upper
register will read the correct value even if the next ADC cycle
ends between the reading of the lower and upper registers.
Figure 39:
PDATA Registers
7
6
5
4
32
10
Reserved
PSAT
PINT
Reserved
PVALID
Reserved
Field
Bits
Description
Reserved
7
Reserved
PSAT
6
Proximity Saturation. Indicates that the proximity measurement saturated.
PINT
5
Proximity Interrupt. Indicates that the device is asserting a proximity interrupt.
Reserved
4:2
Reserved. Bits read as 0.
PVALID
1
Proximity Valid. Indicates that the proximity channel has completed an integration
cycle after PEN has been asserted.
Reserved
0
Reserved
Register
Address
Bits
Description
PDATAL
0x18
7:0
Proximity data low byte
PDATAH
0x19
7:0
Proximity data high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com