Electronic Components Datasheet Search
  English  ▼

X  

TMD2772 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # TMD2772
Description  Digital ALS and Proximity Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2772 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button TMD2772 Datasheet HTML 6Page - OSRAM GmbH TMD2772 Datasheet HTML 7Page - OSRAM GmbH TMD2772 Datasheet HTML 8Page - OSRAM GmbH TMD2772 Datasheet HTML 9Page - OSRAM GmbH TMD2772 Datasheet HTML 10Page - OSRAM GmbH TMD2772 Datasheet HTML 11Page - OSRAM GmbH TMD2772 Datasheet HTML 12Page - OSRAM GmbH TMD2772 Datasheet HTML 13Page - OSRAM GmbH TMD2772 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
ams Datasheet
Page 9
[v1-21] 2016-Feb-16
Document Feedback
TMD2772/ TMD2772WA − Electrical Characteristics
Figure 10:
Proximity Characteristics, VDD = LEDA = 3V, TA = 25°C, PEN = 1 (unless otherwise noted)
Note(s):
1. Value is factory-adjusted to meet the Prox count specification. Considerable variation (relative to the typical value) is possible after
adjustment.
2. These parameters are ensured by design and characterization and are not 100% tested.
3. Proximity offset varies with power supply characteristics and noise.
4. ILEDA is factory calibrated to achieve this specification. Offset and crosstalk directly sum with this value and is system dependent.
5. No glass or aperture above the module. Tested value is the average of 5 consecutive readings.
6. Proximity test was done using the circuit shown in Figure 12. See PCB Pad Layout for recommended application circuit.
Parameter
Test Conditions
Min
Typ
Max
Units
IDD Supply current
LED On
3
mA
ILEDA LEDA current
(1)
LED On, PDRIVE = 0
100
mA
LED On, PDRIVE = 1
50
LED On, PDRIVE = 2
25
LED On, PDRIVE = 3
12.5
PTIME ADC conversion steps
1
256
steps
PTIME ADC conversion time
PTIME = 0xFF
(= 1 conversion step)
2.58
2.73
2.9
ms
PTIME ADC counts per step
PTIME = 0xFF
(= 1 conversion step)
0
1023
counts
PPULSE LED pulses (2)
0
255
pulses
LED On LED pulse width
PPULSE = 1, PDRIVE = 0
7.3
μs
LED pulse period
PPULSE = 2, PDRIVE = 0
16.0
μs
Proximity response, no
target (offset)
PPULSE = 8, PDRIVE = 0,
PGAIN = 4×, (3)
100
counts
Prox count, 100mm target,
TMD2772 devices (4)
73 mm × 83 mm, 90% reflective
Kodak Gray Card, PGAIN = 4×,
PPULSE = 8, PDRIVE = 0,
PTIME = 0xFF (5)
450
520
590
counts
Prox count, 100mm target,
TMD2772WA devices (4)
73 mm × 83 mm, 90% reflective
Kodak Gray Card, PGAIN = 4×,
PPULSE = 8, PDRIVE = 0,
PTIME = 0xFF (5)
235
275
315
counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com