Electronic Components Datasheet Search
  English  ▼

X  

TMD2772WA Datasheet(PDF) 39 Page - OSRAM GmbH

Part # TMD2772WA
Description  Digital ALS and Proximity Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2772WA Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button TMD2772WA Datasheet HTML 35Page - OSRAM GmbH TMD2772WA Datasheet HTML 36Page - OSRAM GmbH TMD2772WA Datasheet HTML 37Page - OSRAM GmbH TMD2772WA Datasheet HTML 38Page - OSRAM GmbH TMD2772WA Datasheet HTML 39Page - OSRAM GmbH TMD2772WA Datasheet HTML 40Page - OSRAM GmbH TMD2772WA Datasheet HTML 41Page - OSRAM GmbH TMD2772WA Datasheet HTML 42Page - OSRAM GmbH TMD2772WA Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Page 38
ams Datasheet
Document Feedback
[v1-21] 2016-Feb-16
TMD2772/ TMD2772WA − Register Description
Control Register (0x0F)
The Control Register provides eight bits of miscellaneous
control to the analog block. These bits typically control
functions such as gain settings and/or diode selection.
Figure 42:
Control Register
76
5
4
3
2
1
0
PDRIVE
PDIODE
PGAIN
AGAIN
Field
Bits
Description (Reset value = 0x00)
PDRIVE (1)
7:6
Proximity LED Drive Strength.
Field Value
LED Strength – PDL=0
LED Strength – PDL=1
00
100 %
11.1 %
01
50 %
5.6 %
10
25 %
2.8 %
11
12.5 %
1.4 %
PDIODE
5:4
Proximity Diode Selector.
Field Value
Diode Selection
00
Proximity uses neither diode
01
Proximity uses the CH0 diode
10
Proximity uses the CH1 diode
11
Reserved — Do not write
PGAIN
3:2
Proximity Gain.
Field Value
Proximity Gain Value
00
1x gain
01
2x gain
10
4x gain
11
8x gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com