Electronic Components Datasheet Search
  English  ▼

X  

TMD27727 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TMD27727
Description  Digital ALS and Proximity Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD27727 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TMD27727 Datasheet HTML 4Page - OSRAM GmbH TMD27727 Datasheet HTML 5Page - OSRAM GmbH TMD27727 Datasheet HTML 6Page - OSRAM GmbH TMD27727 Datasheet HTML 7Page - OSRAM GmbH TMD27727 Datasheet HTML 8Page - OSRAM GmbH TMD27727 Datasheet HTML 9Page - OSRAM GmbH TMD27727 Datasheet HTML 10Page - OSRAM GmbH TMD27727 Datasheet HTML 11Page - OSRAM GmbH TMD27727 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
ams Datasheet
Page 7
[v1-21] 2016-Feb-16
Document Feedback
TMD2772/ TMD2772WA − Electrical Characteristics
Figure 8:
ADC Characteristics, VDD = 3V, TA = 25°C, AGAIN = 16x, AEN = 1 (unless otherwise noted)
Parameter
Test Conditions
Channel
Min
Typ
Max
Unit
Dark ADC count value
Ee = 0, AGAIN = 120×,
ATIME = 0xDB (100ms)
CH0
0
1
5
counts
CH1
0
1
5
ADC Integration time
step size
ATIME = 0xFF
2.58
2.73
2.9
ms
ADC number of
integration steps
1
256
steps
ADC counts per step
ATIME = 0xFF
0
1023
counts
ADC count value
ATIME = 0xC0
0
65535
counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com