Electronic Components Datasheet Search
  English  ▼

X  

TMD37213M Datasheet(PDF) 64 Page - OSRAM GmbH

Part # TMD37213M
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD37213M Datasheet(HTML) 64 Page - OSRAM GmbH

Back Button TMD37213M Datasheet HTML 60Page - OSRAM GmbH TMD37213M Datasheet HTML 61Page - OSRAM GmbH TMD37213M Datasheet HTML 62Page - OSRAM GmbH TMD37213M Datasheet HTML 63Page - OSRAM GmbH TMD37213M Datasheet HTML 64Page - OSRAM GmbH TMD37213M Datasheet HTML 65Page - OSRAM GmbH TMD37213M Datasheet HTML 66Page - OSRAM GmbH TMD37213M Datasheet HTML 67Page - OSRAM GmbH TMD37213M Datasheet HTML 68Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 89 page
background image
Datasheet, Public
Page 63
[v3-00] 2023-May-26
Document Feedback
TMD3721 − Register Overview
ACFG Register (Address 0xE8)
Figure 88:
ACFG Register
Addr: 0xE8
ACFG
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
000
RW
Reserved. Must be set to default value.
4
DOUBLE_DATA_
MODE
0
RW
If set, the data stored in FIFO per channel is only 8 bits.
3
AINT_DATA_SEL
0
RW
The bit selects data used for APERS calculation.
0 = ASP1 C channel data is used for APERS calculation.
1 = ASP2 C channel data is used for APERS calculation.
2ENAB_RES_BITS
0
RW
Enable the residue bits.
If enabled, the data format in FIFO is U13.3 that consists
of 13-bit full counts and 3-bit residual counts if DOUBLE_
DATA_MODE is 0. When DOUBLE_DATA_MODE is 1, the
data format in FIFO is U7.1 that consists of 7-bit full
counts and 1-bit residual counts.
ENAB_RES_BITS
DOUBLE_
DATA_MODE
DATA FORMAT
00
U16.0
01
U8.0
10
U13.3
11
U7.1
1:0
ADAVG
00
RW
ALS sampling data averaging. ASP1 and ASP2 sampled
data are averaged accordingly before written into FIFO.
When ASP1=0, the averaging is ignored.
Value
Average
01
12
24
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com