Electronic Components Datasheet Search
  English  ▼

X  

TMD49033 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # TMD49033
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD49033 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button TMD49033 Datasheet HTML 7Page - OSRAM GmbH TMD49033 Datasheet HTML 8Page - OSRAM GmbH TMD49033 Datasheet HTML 9Page - OSRAM GmbH TMD49033 Datasheet HTML 10Page - OSRAM GmbH TMD49033 Datasheet HTML 11Page - OSRAM GmbH TMD49033 Datasheet HTML 12Page - OSRAM GmbH TMD49033 Datasheet HTML 13Page - OSRAM GmbH TMD49033 Datasheet HTML 14Page - OSRAM GmbH TMD49033 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
Page 10
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Electrical Characteristics
Figure 11:
Proximity Test Circuit
Figure 12:
Wait Characteristics, VDD = 1.8 V, TA = 25ºC, WEN = 1 (unless otherwise noted)
Figure 13:
IRBeam Operating Characteristics, VDD = 1.8 V, TA = 25ºC (unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Units
Wait step size
2.68
2.78
2.90
ms
Long wait step size
33.3
ms
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t(PBT min)
Minimum bit time
IBEN = 1
0.25
μs
TMD4903
1
3
4
5
VDD
GND
LEDA
LDR
1µF
1µF
22µF
22Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com