Electronic Components Datasheet Search
  English  ▼

X  

TMG39921 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # TMG39921
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39921 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button TMG39921 Datasheet HTML 26Page - OSRAM GmbH TMG39921 Datasheet HTML 27Page - OSRAM GmbH TMG39921 Datasheet HTML 28Page - OSRAM GmbH TMG39921 Datasheet HTML 29Page - OSRAM GmbH TMG39921 Datasheet HTML 30Page - OSRAM GmbH TMG39921 Datasheet HTML 31Page - OSRAM GmbH TMG39921 Datasheet HTML 32Page - OSRAM GmbH TMG39921 Datasheet HTML 33Page - OSRAM GmbH TMG39921 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 96 page
background image
ams Datasheet
Page 29
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Detailed Description
The Color/ALS reception signal path begins with filtered RGBC
detection at the photodiodes and ends with the 16-bit results
in the RGBC data registers. Signal from the photodiode array
accumulates for a period of time set by the value in ATIME before
the results are placed into the RGBCDATA registers. Gain is ad-
justable from 1x to 64x, and is determined by the setting of
CONTROL<AGAIN>. Performance characteristics such as accu-
racy, resolution, conversion speed, and power consumption can
be adjusted to meet the needs of the application.
Before entering (re-entering) the Color/ALS engine, an adjust-
able, low power consumption, delay is entered. The wait time
for this delay is selectable using the WEN, WTIME and WLONG
control bits and ranges from 0 to 8.54s.
An interrupt can be generated whenever Clear Channel results
exceed or fall below levels set in the AILTHL/AILTHH and/or AI-
HTHL/AIHTHH threshold registers. To prevent premature/false
interrupts a persistence filter is also included; interrupts will
only be asserted if the consecutive number of out-of-threshold
results is equal or greater than the value set by APERS. Each
“in-threshold” Clear channel result, CDATA, will reset the persis-
tence count. If the analog circuitry becomes saturated, the ASAT
bit will be asserted to indicate RGBCDATA results may not be
accurate. The AINT and CPSAT bits are always available for I2C
polling, but AIEN bit must be set for AINT to assert a hardware
interrupt on the INT pin. Similarly, saturation of the analog data
converter can be detected by polling CPSAT bit; to enable this
feature the CPSIEN bit must be set. AVALID is cleared by reading
RGBCDATA. ASAT and AINT are cleared by using the Special In-
terrupt Clear I2C transaction to access CICLEAR or AICLEAR.
RGBC results can be used to calculate ambient light levels (I.e.
Lux) and color temperature (I.e. Kelvin).
Gesture Operation
The Gesture detection feature provides motion detection by
utilizing directionally sensitive photodiodes to sense reflected
IR energy by sourced by the integrated LED. The following
registers and control bits govern gesture operation and the
operational flow is depicted in Figure 35.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com