Electronic Components Datasheet Search
  English  ▼

X  

TMG39923 Datasheet(PDF) 90 Page - OSRAM GmbH

Part # TMG39923
Description  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39923 Datasheet(HTML) 90 Page - OSRAM GmbH

Back Button TMG39923 Datasheet HTML 86Page - OSRAM GmbH TMG39923 Datasheet HTML 87Page - OSRAM GmbH TMG39923 Datasheet HTML 88Page - OSRAM GmbH TMG39923 Datasheet HTML 89Page - OSRAM GmbH TMG39923 Datasheet HTML 90Page - OSRAM GmbH TMG39923 Datasheet HTML 91Page - OSRAM GmbH TMG39923 Datasheet HTML 92Page - OSRAM GmbH TMG39923 Datasheet HTML 93Page - OSRAM GmbH TMG39923 Datasheet HTML 94Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 96 page
background image
ams Datasheet
Page 89
[v1-06] 2018-Feb-27
Document Feedback
TMG3992 − Ordering & Contact Information
Figure 94:
Ordering Information
Note(s):
1. Contact ams for availability.
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
Provide feedback about this document at:
www.ams.com/Document-Feedback
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbader Strasse 30
8141 Premstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering Code
Address
Interface
Delivery Form
TMG39921 (1)
0x39
I²C Vbus = VDD Interface
Module-8, 2.0mm Width
TMG39923
0x39
I²C Vbus = 1.8V Interface
Module-8, 2.0mm Width
TMG39925 (1)
0x29
I²C Vbus = VDD Interface
Module-8, 2.0mm Width
TMG39927 (1)
0x29
I²C Vbus = 1.8V Interface
Module-8, 2.0mm Width
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com