Electronic Components Datasheet Search
  English  ▼

X  

TSL25213 Datasheet(PDF) 71 Page - OSRAM GmbH

Part # TSL25213
Description  Highly Sensitive Ambient Light Sensor with Selective Flicker Detection and Fast Sampling for Brightness Control or Auxiliary to Camera
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25213 Datasheet(HTML) 71 Page - OSRAM GmbH

Back Button TSL25213 Datasheet HTML 67Page - OSRAM GmbH TSL25213 Datasheet HTML 68Page - OSRAM GmbH TSL25213 Datasheet HTML 69Page - OSRAM GmbH TSL25213 Datasheet HTML 70Page - OSRAM GmbH TSL25213 Datasheet HTML 71Page - OSRAM GmbH TSL25213 Datasheet HTML 72Page - OSRAM GmbH TSL25213 Datasheet HTML 73Page - OSRAM GmbH TSL25213 Datasheet HTML 74Page - OSRAM GmbH TSL25213 Datasheet HTML 75Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 81 page
background image
Page 70
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-21
TSL2521 − Tape & Reel Information
Figure 90:
TSL2521 Tape & Reel Mechanical Drawing
Note(s):
1. All linear dimensions are in millimeters. Dimension tolerance is ±0.10mm unless otherwise noted.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing Ao, Bo, and Ko are defined in ANSI EIA Standard 481-B 2001
4. ams OSRAM packaging tape and reel conform to the requirements of EIA Standard 481-B.
5. In accordance with EIA standard device pin 1 is located next to the sprocket holes in the tape.
6. This drawing is subject to change without notice.
Tape & Reel Information
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81