Electronic Components Datasheet Search
  English  ▼

X  

TSL2540 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # TSL2540
Description  ALS, Light-to-Digital Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2540 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button TSL2540 Datasheet HTML 7Page - OSRAM GmbH TSL2540 Datasheet HTML 8Page - OSRAM GmbH TSL2540 Datasheet HTML 9Page - OSRAM GmbH TSL2540 Datasheet HTML 10Page - OSRAM GmbH TSL2540 Datasheet HTML 11Page - OSRAM GmbH TSL2540 Datasheet HTML 12Page - OSRAM GmbH TSL2540 Datasheet HTML 13Page - OSRAM GmbH TSL2540 Datasheet HTML 14Page - OSRAM GmbH TSL2540 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Page 10
Datasheet, Public
Document Feedback
[v2-00] 2022-Dec-05
TSL2540 − Detailed Description
Figure 12:
Detailed State Diagram
Note(s):
1. An I²C write to az-nth-iteration register, except of the value 00h (disable-az), resets az-done independent of actual cntrl-state.
In consequence, a new autozero calibration will be started in advance to the next ALS integration cycle.
aen
Run ALS
Integration
Run Autozero
Calibration
no
Oscillator On
(IDLE)
Oscillator Off
(SLEEP)
pon
no
yes
az-done
yes
az-done = 1
wen
aen==1 &&
az-done==0
yes
az-done = 1
yes
no
Run Autozero
Calibration
Run WTIME timer
no
yes
wtime-done = 0
wtime-done = 1
autozero calibration is
executed in parallel to
running WTIME timer
Note 1: an I2C Write to az-nth-iteration register, except of the value 00h(disable-
az), resets az-done independent of actual cntrl-state. In consequence, a new
autozero calibration will be started in advance to the next ALS integration cycle.
az-done = 0 (reset)
az-done = 0, if az-nth
iterations passed since
last AZ calibration.
(refer to note 1
for exceptions)
no
az-done &
wtime-done
TSL2540 Operational States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com