Electronic Components Datasheet Search
  English  ▼

X  

TSL2568 Datasheet(PDF) 50 Page - OSRAM GmbH

Part # TSL2568
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2568 Datasheet(HTML) 50 Page - OSRAM GmbH

Back Button TSL2568 Datasheet HTML 46Page - OSRAM GmbH TSL2568 Datasheet HTML 47Page - OSRAM GmbH TSL2568 Datasheet HTML 48Page - OSRAM GmbH TSL2568 Datasheet HTML 49Page - OSRAM GmbH TSL2568 Datasheet HTML 50Page - OSRAM GmbH TSL2568 Datasheet HTML 51Page - OSRAM GmbH TSL2568 Datasheet HTML 52Page - OSRAM GmbH TSL2568 Datasheet HTML 53Page - OSRAM GmbH TSL2568 Datasheet HTML 54Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
ams Datasheet
Page 49
[v1-00] 2016-Apr-12
Document Feedback
TSL2568, TSL2569 − Manufacturing Information
Rebaking will be required if the aluminized envelope has been
open for more than 1 year. If rebaking is required, it should be
done at 90°C for 3 hours.
The T package haa been assigned a moisture sensitivity level of
MSL 3 and the devices should be stored under the following
conditions:
• Temperature Range: 5°C to 50°C
• Relative Humidity: 60% maximum
• Total Time: 6 months from the date code on the
aluminized envelope - if unopened
• Opened Time: 168 hours or fewer
Rebaking will be required if the devices have been stored
unopened for more than 6 months or if the aluminized envelope
has been open for more than 168 hours. If rebaking is required,
it should be done at 90°C for 4 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com