Electronic Components Datasheet Search
  English  ▼

X  

TSL2580 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # TSL2580
Description  Light-to-Digital Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2580 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button TSL2580 Datasheet HTML 11Page - OSRAM GmbH TSL2580 Datasheet HTML 12Page - OSRAM GmbH TSL2580 Datasheet HTML 13Page - OSRAM GmbH TSL2580 Datasheet HTML 14Page - OSRAM GmbH TSL2580 Datasheet HTML 15Page - OSRAM GmbH TSL2580 Datasheet HTML 16Page - OSRAM GmbH TSL2580 Datasheet HTML 17Page - OSRAM GmbH TSL2580 Datasheet HTML 18Page - OSRAM GmbH TSL2580 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-05
TSL2580, TSL2581 − Principles O f Operation
SMBus and I²C Protocols
Each Send and Write protocol is, essentially, a series of bytes. A
byte sent to the TSL258x with the most significant bit (MSB)
equal to 1 will be interpreted as a COMMAND byte. The lower
four bits of the COMMAND byte form the register select address
(see Figure 26), which is used to select the destination for the
subsequent byte(s) received. The TSL258x responds to any
Receive Byte requests with the contents of the register specified
by the stored register select address.
The TSL2580 implements the following protocols of the SMB 2.0
specification:
• Send Byte Protocol
• Receive Byte Protocol
• Write Byte Protocol
• Write Word Protocol
• Read Word Protocol
• Block Write Protocol
• Block Read Protocol
The TSL2581 implements the following protocols of the Philips
Semiconductor I²C specification:
• I²C Write Protocol
• I²C Read (Combined Format) Protocol
When an SMBus Block Write or Block Read is initiated (see
description of Command Register), the byte following the
COMMAND byte is ignored but is a requirement of the SMBus
specification. This field contains the byte count (i.e. the number
of bytes to be transferred). The TSL2580 (SMBus) device ignores
this field and extracts this information by counting the actual
number of bytes transferred before the Stop condition is
detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com