Electronic Components Datasheet Search
  English  ▼

X  

TSL2585 Datasheet(PDF) 50 Page - OSRAM GmbH

Part # TSL2585
Description  Miniature Ambient Light Sensor with UV and Light Flicker Detection
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2585 Datasheet(HTML) 50 Page - OSRAM GmbH

Back Button TSL2585 Datasheet HTML 46Page - OSRAM GmbH TSL2585 Datasheet HTML 47Page - OSRAM GmbH TSL2585 Datasheet HTML 48Page - OSRAM GmbH TSL2585 Datasheet HTML 49Page - OSRAM GmbH TSL2585 Datasheet HTML 50Page - OSRAM GmbH TSL2585 Datasheet HTML 51Page - OSRAM GmbH TSL2585 Datasheet HTML 52Page - OSRAM GmbH TSL2585 Datasheet HTML 53Page - OSRAM GmbH TSL2585 Datasheet HTML 54Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 86 page
background image
Datasheet, Public
Page 49
[v4-00] 2022-Dec-22
Document Feedback
TSL2585 − Register Overview
MEAS_SEQR_STEP0_MOD_GAINX_L Register
Figure 63:
MEAS_SEQR_STEP0_MOD_GAINX_L
Note(s):
1. Return to the Register Map (0xD4).
MEAS_SEQR_STEP0_MOD_GAINX_H Register
Figure 64:
MEAS_SEQR_STEP0_MOD_GAINX_H
Note(s):
1. Return to the Register Map (0xD5).
Addr: 0xD4
MEAS_SEQR_STEP0_MOD_GAINX_L
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_
SEQUENCER_STEP0_
MOD_GAIN1
0x8
R/W
Defines the gain of modulator 1 for the
measurement sequencer step 0. The gain is also
updated by the AGC, if activated.
0x00: 1/2x
0x01: 1x
0x02: 2x
0x03: 4x
0x04: 8x
0x05: 16x
0x06: 32x
0x07: 64x
0x08: 128x
0x09: 256x
0x0A: 512x
0x0B: 1024x
0x0C: 2048x
0x0D: 4096x
3:0
MEASUREMENT_
SEQUENCER_STEP0_
MOD_GAIN0
0x8
R/W
Defines the gain of modulator 0 for the
measurement sequencer step 0. The gain is also
updated by the AGC, if activated.
Gain steps see under modulator 1 above.
Addr: 0xD5
MEAS_SEQR_STEP0_MOD_GAINX_H
Bit
Field
Reset
Type
Bit Description
7:4
Reserved
0
3:0
MEASUREMENT_
SEQUENCER_STEP0_
MOD_GAIN2
0x8
R/W
Defines the gain of modulator 2 for the
measurement sequencer step 0. The gain is also
updated by the AGC, if activated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com