Electronic Components Datasheet Search
  English  ▼

X  

TSL2772 Datasheet(PDF) 28 Page - OSRAM GmbH

Part # TSL2772
Description  Light-to-Digital Converter with Proximity Sensing
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2772 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TSL2772 Datasheet HTML 24Page - OSRAM GmbH TSL2772 Datasheet HTML 25Page - OSRAM GmbH TSL2772 Datasheet HTML 26Page - OSRAM GmbH TSL2772 Datasheet HTML 27Page - OSRAM GmbH TSL2772 Datasheet HTML 28Page - OSRAM GmbH TSL2772 Datasheet HTML 29Page - OSRAM GmbH TSL2772 Datasheet HTML 30Page - OSRAM GmbH TSL2772 Datasheet HTML 31Page - OSRAM GmbH TSL2772 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
Datasheet, Public
Page 27
[v2-00] 2023-Mar-30
Document Feedback
TSL2772 − Principles Of Operation
Figure 28:
Average IDD Current
WEN
WTIME
WLONG
WAIT STATE
AVERAGE I
DD CURRENT
0
N/A
N/A
0ms
258μA
1
0xFF
0
2.73ms
251μA
1
0xEE
0
49.2ms
182μA
1
0x00
0
699ms
103μA
1
0x00
1
8389ms
91μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com