Electronic Components Datasheet Search
  English  ▼

X  

TSL27723 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # TSL27723
Description  Light-to-Digital Converter with Proximity Sensing
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27723 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button TSL27723 Datasheet HTML 30Page - OSRAM GmbH TSL27723 Datasheet HTML 31Page - OSRAM GmbH TSL27723 Datasheet HTML 32Page - OSRAM GmbH TSL27723 Datasheet HTML 33Page - OSRAM GmbH TSL27723 Datasheet HTML 34Page - OSRAM GmbH TSL27723 Datasheet HTML 35Page - OSRAM GmbH TSL27723 Datasheet HTML 36Page - OSRAM GmbH TSL27723 Datasheet HTML 37Page - OSRAM GmbH TSL27723 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
Datasheet, Public
Page 33
[v2-00] 2023-Mar-30
Document Feedback
TSL2772 − Principles Of Operation
ALS Time Register (0x01)
The ALS time register controls the internal integration time of
the ALS channel ADCs in 2.73 ms increments. Upon power up,
the ALS time register is set to 0xFF.
Figure 33:
ALS Integration Time Register
Proximity Time Register (0x02)
The proximity timing register controls the integration time of
the proximity ADC in 2.73 ms increments. Upon power up, the
proximity time register is set to 0xFF. It is recommended that
this register be programmed to a value of 0xFF (1 integration
cycle).
Figure 34:
Proximity Integration Time Control Register
Field
Bits
Description
ATIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.73ms
1024
0xF6
10
27.3ms
10240
0xDB
37
101ms
37888
0xC0
64
175ms
65535
0x00
256
699ms
65535
Field
Bits
Description
PTIME
7:0
VALUE
INTEG_CYCLES
TIME
MAX COUNT
0xFF
1
2.73ms
1023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com