Electronic Components Datasheet Search
  English  ▼

X  

TSL27727 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # TSL27727
Description  Light-to-Digital Converter with Proximity Sensing
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27727 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button TSL27727 Datasheet HTML 5Page - OSRAM GmbH TSL27727 Datasheet HTML 6Page - OSRAM GmbH TSL27727 Datasheet HTML 7Page - OSRAM GmbH TSL27727 Datasheet HTML 8Page - OSRAM GmbH TSL27727 Datasheet HTML 9Page - OSRAM GmbH TSL27727 Datasheet HTML 10Page - OSRAM GmbH TSL27727 Datasheet HTML 11Page - OSRAM GmbH TSL27727 Datasheet HTML 12Page - OSRAM GmbH TSL27727 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
Page 8
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-30
TSL2772 − Absolute Maximum R atings
Figure 8:
ALS Characteristics, VDD = 3V, TA = 25°C, AGAIN = 16x, AEN = 1 (unless otherwise noted)
Note(s):
1. Optical measurements are made using small-angle incident radiation from light-emitting diode optical sources. Visible white LEDs
and infrared 850 nm LEDs are used for final product testing for compatibility with high-volume production.
2. The white LED irradiance is supplied by a white light-emitting diode with a nominal color temperature of 4000k.
3. The 850nm irradiance Ee is supplied by a GaAs light-emitting diode with the following typical characteristics: peak wavelength
λP = 850nm and spectral halfwidth Δλ½ = 42nm.
4. Parameter ensured by design and is not tested.
Parameter
Test Conditions
Channel
Min
Typ
Max
Unit
Dark ADC count value
Ee = 0, AGAIN = 120x,
ATIME = 0xDB (100 ms)
CH0
0
1
5
counts
CH1
0
1
5
ADC integration time
step size
ATIME = 0xFF
2.58
2.73
2.9
ms
ADC Number of
integration steps (4)
1
256
steps
ADC counts per step (4)
ATIME = 0xFF
0
1024
counts
ADC count value(4)
ATIME = 0xC0
0
65535
counts
ADC count value
White Light,
Ee = 263.9μW/cm
2,
ATIME = 0xF6 (27ms) (2)
CH0
4000
5000
6000
counts
CH1
680
λP = 850 nm,
Ee = 263.4μW/cm
2,
ATIME = 0xF6 (27ms) (3)
CH0
4000
5000
6000
CH1
2850
ADC count value ratio:
CH1/CH0
White Light, ATIME 0xF6 (27ms) (2)
0.086
0.136
0.186
λP = 850nm, ATIME 0xF6 (27ms)
(3)
0.456
0.570
0.684
Re
Irradiance responsivity
White Light,
ATIME = 0xF6 (27ms) (2)
CH0
18.9
counts/
(μW/cm2)
CH1
2.58
λP = 850nm,
ATIME = 0xF6 (27ms) (3)
CH0
19.0
CH1
10.8
Gain scaling, relative to
1x gain setting
AGAIN = 1x and AGL = 1
0.128
0.16
0.192
x
AGAIN = 8x and AGL = 0
7.2
8.0
8.8
AGAIN = 16x and AGL = 0
14.4
16.0
17.6
AGAIN = 120x and AGL = 0
108
120
132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com