Electronic Components Datasheet Search
  English  ▼

X  

AD5754R Datasheet(PDF) 14 Page - Analog Devices

Part # AD5754R
Description  Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5754R Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5754R Datasheet HTML 10Page - Analog Devices AD5754R Datasheet HTML 11Page - Analog Devices AD5754R Datasheet HTML 12Page - Analog Devices AD5754R Datasheet HTML 13Page - Analog Devices AD5754R Datasheet HTML 14Page - Analog Devices AD5754R Datasheet HTML 15Page - Analog Devices AD5754R Datasheet HTML 16Page - Analog Devices AD5754R Datasheet HTML 17Page - Analog Devices AD5754R Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5726
Rev. 0 | Page 14 of 20
SERIAL INTERFACE
The AD5726 is controlled over a versatile 3-wire serial interface
that operates at clock rates up to 30 MHz and is compatible with
SPI, QSPI™, MICROWIRE™, and DSP standards.
Input Shift Register
The input shift register is 16 bits wide. Data is loaded into the
device MSB first as a 16-bit word under the control of a serial
clock input SCLK. The input register consists of two address
bits, two don’t care bits, and 12 data bits as shown in Table 11.
The timing diagram for this operation is shown in Figure 2.
When CS is low, the data presented to the input SDIN is shifted
MSB first into the internal shift register on the rising edge of
SCLK. Once all 16 bits of the serial data-word have been input,
the load control LDAC is strobed, and the word is latched onto
the internal data bus. The two address bits are decoded and used to
route the 12-bit data-word to the appropriate DAC data register.
Operation of CS and SCLK
The CS and SCLK pins are internally fed to the same logical OR
gate and, therefore, require careful attention during a load cycle
to avoid clocking in false data bits. As shown in the timing
diagram in Figure 2, SCLK must be halted high, or CS must be
brought high, during the last high portion of SCLK following
the rising edge that clocked in the last data bit. Otherwise, an
additional rising edge is generated by CS rising while SCLK is
low, causing CS to act as the clock and allowing a false data bit
into the input shift register. The same must also be considered
for the beginning of the data load sequence.
Coding
The AD5726 uses binary coding. The output voltage can be
calculated from the following equation:
()
4096
D
V
V
V
V
REFN
REFP
REFN
OUT
×
−
+
=
where D is the digital code in decimal.
LOAD DAC (LDAC)
When asserted, the LDAC pin is an asynchronous, active low,
digital input that transfers the contents of the input register to
the internal data bus, updating the addressed DAC output. New
data must not be programmed to the AD5726 while the LDAC
pin is low.
CLR and CLRSEL
The CLR control allows the user to perform an asynchronous
clear function. Asserting CLR loads all four DAC registers,
forcing the DAC outputs to either zero-scale (0x000) or
midscale (0x800), depending on the state of CLRSEL as shown
in Table 9. The CLR function is asynchronous and independent
of CS. When CLR returns high, the DAC outputs remain at the
clear value until LDAC is strobed, reloading the individual DAC
registers with either the data held in the input register prior to
the clear or with new data loaded through the serial interface.
Table 9. CLR/CLRSEL Truth Table
CLR
CLRSEL
DAC Registers
0
0
Zero-Scale (0x000)
0
1
Midscale (0x800)
1
0
No Change
1
1
No Change
Table 10. DAC Address Word Decode Table
A1
A0
DAC Addressed
0
0
DAC A
0
1
DAC B
1
0
DAC C
1
1
DAC D
Table 11. Input Register Format
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
A1
A0
X
X
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com