Electronic Components Datasheet Search
  English  ▼

X  

VRBA-03F1AX Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # VRBA-03F1AX
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBA-03F1AX Datasheet(HTML) 4 Page - Bel Fuse Inc.

  VRBA-03F1AX Datasheet HTML 1Page - Bel Fuse Inc. VRBA-03F1AX Datasheet HTML 2Page - Bel Fuse Inc. VRBA-03F1AX Datasheet HTML 3Page - Bel Fuse Inc. VRBA-03F1AX Datasheet HTML 4Page - Bel Fuse Inc. VRBA-03F1AX Datasheet HTML 5Page - Bel Fuse Inc. VRBA-03F1AX Datasheet HTML 6Page - Bel Fuse Inc. VRBA-03F1AX Datasheet HTML 7Page - Bel Fuse Inc. VRBA-03F1AX Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4 Vdc - 5.5 Vdc Input
0.75 Vdc - 3.63 Vdc/3 A Output
Output Trim Equations
A
: Equation for calculating the trim resistor (in kΩ) given the desired adjusted voltage (Vadj) is shown below.
The Trim Up resistor should be connected between the Trim pin and Ground.
Table 1
Vadj (V)
Rtrim (KΩ)
0.7525
Open
1.2
41.973
1.5
23.077
1.8
15.004
2.0
11.779
2.5
6.947
3.3
3.16
B
. Equation for calculating the trim voltage (in V) given the desired adjusted voltage (Vadj) is shown below. The
Trim Up voltage should be connected between the Trim pin and Ground.
Table 2
Vadj (V)
Vtrim (V)
0.7525
Open
1.2
0.624
1.5
0.5731
1.8
0.5221
2.0
0.4882
2.5
0.4033
3.3
0.267
C.
Vtrim
Module
Vout
GND
Trim
0.75 1.04 1.33 1.61 1.9 2.19 2.48 2.77 3.05 3.34 3.63
0
20
40
60
80
100
120
140
160
180
200
Rtrim vs.Output Voltage
Output Voltage(V)
0.75 1.04 1.33 1.61
1.9
2.19 2.48 2.77 3.05 3.34 3.63
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
Vtrim vs. Output Voltage
Vo(V)
Rtrim
Module
Vout
GND
Trim
V
O
T
rim
GND
R
down
R
up
R
set
Vm_up: Margin up value after output voltage is set with Rset
11
.
5
7525
.
0
07
.
21
−
−
=
adj
trim
V
R
)
7525
.
0
(
1698
.
0
7
.
0
−
×
−
=
adj
trim
V
V
Vm_down: Margin down value after output voltage is set with Rset
Note:
Output voltage Vo=0.7525 V when Trim pin is not connected.
Rup
21.07 Rset
⋅
5.11 Vm_up
⋅
Rset
⋅
−
3.845 Rset
⋅
+
Vm_up Rset
⋅
5.11 Vm_up
⋅
+
0.753Rset
−
24.915
−
Rdown
5.978 Vm_down
⋅
Rset
⋅
4.230 Rset
⋅
−
0.128 Rset
⋅
0.868 Vm_down
⋅
−
0.170 Vm_down
⋅
Rset
⋅
−
4.230
+
Rset
21.07
Vo
0.7525
−
5.11
−
Vm_down 90%Vo
≥
KΩ
KΩ
KΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com