Electronic Components Datasheet Search
  English  ▼

X  

VRBC-10A2AX Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # VRBC-10A2AX
Description  NON-ISOLATED DC/DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBC-10A2AX Datasheet(HTML) 3 Page - Bel Fuse Inc.

  VRBC-10A2AX Datasheet HTML 1Page - Bel Fuse Inc. VRBC-10A2AX Datasheet HTML 2Page - Bel Fuse Inc. VRBC-10A2AX Datasheet HTML 3Page - Bel Fuse Inc. VRBC-10A2AX Datasheet HTML 4Page - Bel Fuse Inc. VRBC-10A2AX Datasheet HTML 5Page - Bel Fuse Inc. VRBC-10A2AX Datasheet HTML 6Page - Bel Fuse Inc. VRBC-10A2AX Datasheet HTML 7Page - Bel Fuse Inc. VRBC-10A2AX Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
8.3 Vdc - 14 Vdc Input
0.75 Vdc - 5.0 Vdc/10 A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
Vo=5.0 V
Vo=3.3 V
Vo=2.5 V
Vo=1.8 V
Vo=1.5 V
Vo=1.2 V
Vo=0.75 V
-
-
-
-
-
-
-
95%
93%
92%
90%
89%
87.5%
81%
-
-
-
-
-
-
-
Measured at Vin=12 V, full load
Switching Frequency
265 kHz
300 kHz
335 kHz
Over Temperature Shutdown
1
-
130
°C
-
Output Voltage Trim Range
0.7525 V
-
5.0 V
Remote Sense Compensation
-
-
0.5 V
MTBF
5,114,191 hours
Calculated Per Bell Core SR-332 (IO = 80%
load; Vo=3.3 V; Vin=12 V; Ta = 25
°C)
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
2.0 x 0.5 x 0.32
50.8 x 12.7 x 8.13
Weight
-
7.1 g
-
Notes
: All specifications are typical at 25 °C unless otherwise stated.
1. The Tref temperature measurement location:
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit Off)
-0.2 V
-
0.3 V
Signal High (Unit On)
-
-
Vin, max
VRBC-10A2A0; Remote On/Off pin open, Unit
on.
Signal Low (Unit On)
-0.2 V
-
0.3 V
Signal High (Unit Off)
2.5 V
-
Vin, max
VRBC-10A2AL; Remote On/Off pin open, Unit
on.
Voltage Sequencing
Sequencing Delay Time
25 mS
-
-
Delay from Vin, min to application of voltage
on SEQ pin
Sequencing Slew Rate Capability
-
-
2 V/mS
Tracking Accuracy
Power-Up
Power-Down
-
-
100 mV
200 mV
200 mV
400 mV
Vinmin to Vinmax; Iomin to Iomax; Vseq<Vo



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com