Electronic Components Datasheet Search
  English  ▼

X  

17-10001 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 17-10001
Description  RJ45 Plug Kit Industrial Ethernet Connector (IP67) with shielded Cat. 5e RJ45 Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17-10001 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  17-10001 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
A3
1/1
Rev.
Changes
Date
Name
R
2006
Draw.
Appd.
Norm
D-old
DIN
Scale:
Part No.:
Material:
Title:
Drawing No.:
Sheet
Autodesk
Inventor
Dim. in
Approval Date
Name
Title
Customer:
a
c
d
e
f
h
g
original
1 x e
1 x f
1 x g
2 x h
May/15/2007
Jun/18/2007
May/25/2009
Nov/26/2009
Jul/06/2011
Jun/25/2014
Vincent ke
Vincent ke
Vincent Ke
Vincent Ke
Vincent ke
Vincent Ke
Date
Oct. 24
Oct. 24
J. Chaudry
Vincent Ke
Name
1.5:1
mm
See Notes
RJ45 Plug Kit
Industrial Ethernet Connector (IP67)
with shielded Cat. 5e RJ45 Plug
39K1A204
SEE P/N ABOVE
Tolerance
Unless otherwise specified
0 PLC
`0.50
1
PLC
`0.38
2 PLC
`0.25
3 PLC
`0.10
ANGLES
`3~
Notes:
1. Electrical Specifications:
- Meets EIA/TIA-568-B.2 Cat.5e Specification
- Contact Resistance: 20mOhm max.
- Insulation Resistance: 500MOhm min. @ 100 VDC
- Current Rating: 1.2A max. at 25~C
- Working Voltage: 100 VDC
- DWV: 1000 VDC/60s Contact to Contact, 1500 VDC/60s Contact to Metal Shell
- Operating Temperature: -40~C to +85~C
2. Material and Finish:
- Coupling Ring and Plug Housing: Polyester (Black) or Metallized ABS,
UL94 V-0 (Nickel Plated)
or Zince Die-cast (Nickel Plated) ;
- Interfacial Seal: Silicone, Color: White
- Cable Fitting: PA (Black), UL94 V-0 or Brass, Nickel Plated
- Cable Fitting Rubber Ring: NBR, Color: Black
- RJ45 Plug Metal Shell: Copper Alloy, Nickel Plated
- RJ45 Plug Plastic Housing: Clear Polycarbonate UL94 V-2
- RJ45 Plug Contacts: Phosphor Bronze, Finish: 50u" Gold min. over Nickel
3. RJ45 Plug accepts both Stranded and Solid Cables with Outer Diameter of 4.83mm to 6.73mm
4. Plastic Version Cable Fitting accepts Cable Outer Diameter Range of 4mm to 8mm
5. Metal Version Cable Gland accepts Cable Outer Diameter Range of 4.5mm to 8mm
6. IP67 rated when fully mated with the appropriate mating connector
Cable Fitting
(Plastic or Metal)
Bayonet Coupling Ring
(Plastic, Metallized
Plastic or Die-cast
Bayonet Locking Style)
Shielded
Cat. 5e
RJ45 Plug
21
59.02 REF
17.9 REF
Key Protrusion x 3
Interfacial Seal
n31.5
Part Number
17-10001
17-10013
Version
Plastic Version
Zinc Die-cast Version
Metallized Plastic Version
17-10044
e
Load Bar
Plug Housing
(Plastic, Metallized Plastic
or Zinc Die-Cast)
f
Directive 2002/95/EC RoHS Compliant
g
h
h


Similar Part No. - 17-10001

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-10001 CONEC-17-10001 Datasheet
436Kb / 1P
RJ45 Plug Kit Industrial Ethernet Connector (IP67) with shielded Cat. 5e RJ45 Plug
Oct. 24. 2006
17-10001 CONEC-17-10001 Datasheet
436Kb / 1P
RJ45 Plug Kit Industrial Ethernet Connector (IP67) with shielded Cat. 5e RJ45 Plug
Oct. 24. 2006
More results

Similar Description - 17-10001

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-KAB-RJ45-4S-1M-R ASSMANN-A-KAB-RJ45-4S-1M-R Datasheet
299Kb / 1P
WATERPROOF RJ45 STRAIGHT PLUG CAT 5E STP, CABLE LENGTH 1M
A-KAB-RJ45-4U-1M-R ASSMANN-A-KAB-RJ45-4U-1M-R Datasheet
287Kb / 1P
WATERPROOF RJ45 STRAIGHT PLUG CAT 5E UTP, CABLE LENGTH 1M
logo
Tyco Electronics
C-2008614 MACOM-C-2008614 Datasheet
98Kb / 1P
PLUG KIT, SHIELDED, INDUSTRIAL CIRCULAR ETHERNET CONNECTOR
logo
CONEC Elektronische Bau...
17-101794 CONEC-17-101794 Datasheet
518Kb / 1P
RJ45 Plug Kit with shielded Cat. 5e RJ45 Plug Zinc Die-Cast Version
RJ45-IP67 CONEC-RJ45-IP67 Datasheet
2Mb / 28P
RJ45-IP67 Industrial Ethernet Connector System
logo
List of Unclassifed Man...
ECF504-SC5E ETC2-ECF504-SC5E Datasheet
72Kb / 1P
KIT, PANEL COUPLER, DELUXE, CAT 5E SHLD RJ45
logo
Belden Inc.
E500001 BELDEN-E500001 Datasheet
250Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
E502001 BELDEN-E502001 Datasheet
250Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
E506001 BELDEN-E506001 Datasheet
250Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
logo
Amphenol Communications...
P-NDH-R6AX AMPHENOLCS-P-NDH-R6AX Datasheet
872Kb / 6P
NDH SERIES, RJ BULKHEAD, HOOD KIT & PLUG KIT, IP67, CAT 5e, PLUG TAB DOWN, RoHS COMPLIANT
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com