Electronic Components Datasheet Search
  English  ▼

X  

17-101044 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 17-101044
Description  RJ45 Cat. 5e Ethernet Patch Cord IP67 Industrial to Standard M28 Thread Screw Type (Metal Version)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17-101044 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  17-101044 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
A3
1/1
Rev.
Changes
Date
Name
R
2008
Draw.
Appd.
Norm
D-old
DIN
Scale:
Part No.:
Material:
Title:
Drawing No.:
Sheet
Autodesk
Inventor
Dim. in
Approval Date
Name
Title
Customer:
a
b
c
d
original
1 x b
1 x c
3 x d
Jan/29/2009
Aug/08/2011
Jun/23/2014
Vincent Ke
Vincent Ke
Vincent ke
Date
Dec. 12
Dec. 12
J. Chaudry
Vincent Ke
Name
1.8:1
Meter
See Notes
RJ45 Cat. 5e Ethernet Patch Cord
IP67 Industrial to Standard
M28 Thread Screw Type (Metal Version)
17K1A112
SEE P/N ABOVE
Tolerance
Unless otherwise specified
Dimensional:
Angles
Notes:
1. Electrical:
- Meets EIA/TIA-568-B.2 Cat.5e Specification
- Connector Operating Temperature: -40
~C to +85~C
2. Materials and Finish:
- Metal Coupling Ring: Brass, Nickel Plated
- Plug Housing: Metallized ABS (UL94 V-0) or Zinc Die-Cast, Nickel Plated
- Interfacial Seal: Silicone, Color: White
- Cable Gland: Brass, Nickel Plated
- Cable Gland Seal: NBR, Color: Black
- Cat.5e RJ45 Plug Metal Shell: Copper Alloy, Nickel Plated
- Cat.5e RJ45 Plug Plastic Housing: Clear Polycarbonate UL94 V-2
- Cat.5e RJ45 Plug Contacts: Phosphor Bronze, Finish: 50 u" Gold min. over Nickel
- RJ45 Modular Boot: PVC, Color: Black
- Cable: See Part Number Table
Cat. 5e RJ45 Plug, Industrial IP67
M28 Thread Screw Type
Cat. 5e RJ45 Plug
(Standard)
L
b
Directive 2002/95/EC RoHS Compliant
c
L
2m ± 0.02m
Part Number
17-100964
17-100974
17-100984
Cat. 5e STP 4 Pair, AWG24 Solid Black Cable
17-101024
17-101034
17-101044
Cat. 5e Outdoor UTP 4 Pair, AWG24 Solid Black Cable
17-101054
17-101064
17-101074
Cat. 5e Outdoor STP 4 Pair, AWG24 Solid Black Cable
Notes: Special cable length up to 20 meters are available please contact factory; UPT: Unshielded Twisted Pair, STP: Shielded Twisted Pair
Cable
Length
5m ± 0.05m
4m ± 0.04m
3m ± 0.03m
17-131694
17-131814
17-131944
1m ± 0.01m
17-131684
17-131804
17-131934
20m ± 0.20m
17-102864
17-131844
17-131974
15m ± 0.15m
17-131714
17-131834
17-131964
10m ± 0.10m
17-131704
17-131824
17-131954
Metallized Plastic
Plug Housing
Zinc Die-Cast
Plug Housing
Metallized Plastic
Plug Housing
Zinc Die-Cast
Plug Housing
Metallized Plastic
Plug Housing
Zinc Die-Cast
Plug Housing
17-131724
17-131734
17-131744
17-131754
17-131764
17-131774
17-131784
17-131794
17-131854
17-131864
17-131874
17-131884
17-131894
17-131904
17-131914
17-131924
17-131984
17-131994
17-132004
17-132014
17-132024
17-132034
17-132044
17-132054
d
d
d


Similar Part No. - 17-101044

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-101044 CONEC-17-101044 Datasheet
317Kb / 1P
RJ45 Cat. 5e Ethernet Patch Cord IP67 Industrial to Standard M28 Thread Screw Type (Metal Version)
Dec. 12. 2008
More results

Similar Description - 17-101044

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17K1A111 CONEC-17K1A111 Datasheet
627Kb / 1P
Protective Cover Assembly Kit Metal Version Industrial Ethernet Connector (IP67)
logo
List of Unclassifed Man...
PS11001 ETC1-PS11001 Datasheet
254Kb / 3P
Patch Lead - CAT 5E
BE43769 ETC2-BE43769 Datasheet
273Kb / 3P
Industrial Ethernet Cat 5e Rail Transit Cable
logo
Belden Inc.
E500001 BELDEN-E500001 Datasheet
250Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
E501001 BELDEN-E501001 Datasheet
236Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP20 RJ45 Cord Set, 1m
E502001 BELDEN-E502001 Datasheet
250Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
E504001 BELDEN-E504001 Datasheet
250Kb / 2P
Cord Sets, DataTuff짰 Cat 5e 600V AWM IP67 RJ45 Cord Set, 1m
E506001 BELDEN-E506001 Datasheet
250Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
E507001 BELDEN-E507001 Datasheet
236Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP20 RJ45 Cord Set, 1m
E508001 BELDEN-E508001 Datasheet
96Kb / 2P
Cord Sets - DataTuff짰 Cat 5e 600V AWM IP67 RJ45 Cord Set
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com