| Electronic Components Datasheet Search |
|
17-101024 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH |
|
|
|||||||||||||||||||||||||||||
17-101024 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH |
|
|
1 / 1 page ![]() 1 1 2 2 3 3 4 4 5 5 6 6 A A B B C C D D A3 1/1 Rev. Changes Date Name R 2008 Draw. Appd. Norm D-old DIN Scale: Part No.: Material: Title: Drawing No.: Sheet Autodesk Inventor Dim. in Approval Date Name Title Customer: a b c d original 1 x b 1 x c 3 x d Jan/29/2009 Aug/08/2011 Jun/23/2014 Vincent Ke Vincent Ke Vincent ke Date Dec. 12 Dec. 12 J. Chaudry Vincent Ke Name 1.8:1 Meter See Notes RJ45 Cat. 5e Ethernet Patch Cord IP67 Industrial to Standard M28 Thread Screw Type (Metal Version) 17K1A112 SEE P/N ABOVE Tolerance Unless otherwise specified Dimensional: Angles Notes: 1. Electrical: - Meets EIA/TIA-568-B.2 Cat.5e Specification - Connector Operating Temperature: -40 ~C to +85~C 2. Materials and Finish: - Metal Coupling Ring: Brass, Nickel Plated - Plug Housing: Metallized ABS (UL94 V-0) or Zinc Die-Cast, Nickel Plated - Interfacial Seal: Silicone, Color: White - Cable Gland: Brass, Nickel Plated - Cable Gland Seal: NBR, Color: Black - Cat.5e RJ45 Plug Metal Shell: Copper Alloy, Nickel Plated - Cat.5e RJ45 Plug Plastic Housing: Clear Polycarbonate UL94 V-2 - Cat.5e RJ45 Plug Contacts: Phosphor Bronze, Finish: 50 u" Gold min. over Nickel - RJ45 Modular Boot: PVC, Color: Black - Cable: See Part Number Table Cat. 5e RJ45 Plug, Industrial IP67 M28 Thread Screw Type Cat. 5e RJ45 Plug (Standard) L b Directive 2002/95/EC RoHS Compliant c L 2m ± 0.02m Part Number 17-100964 17-100974 17-100984 Cat. 5e STP 4 Pair, AWG24 Solid Black Cable 17-101024 17-101034 17-101044 Cat. 5e Outdoor UTP 4 Pair, AWG24 Solid Black Cable 17-101054 17-101064 17-101074 Cat. 5e Outdoor STP 4 Pair, AWG24 Solid Black Cable Notes: Special cable length up to 20 meters are available please contact factory; UPT: Unshielded Twisted Pair, STP: Shielded Twisted Pair Cable Length 5m ± 0.05m 4m ± 0.04m 3m ± 0.03m 17-131694 17-131814 17-131944 1m ± 0.01m 17-131684 17-131804 17-131934 20m ± 0.20m 17-102864 17-131844 17-131974 15m ± 0.15m 17-131714 17-131834 17-131964 10m ± 0.10m 17-131704 17-131824 17-131954 Metallized Plastic Plug Housing Zinc Die-Cast Plug Housing Metallized Plastic Plug Housing Zinc Die-Cast Plug Housing Metallized Plastic Plug Housing Zinc Die-Cast Plug Housing 17-131724 17-131734 17-131744 17-131754 17-131764 17-131774 17-131784 17-131794 17-131854 17-131864 17-131874 17-131884 17-131894 17-131904 17-131914 17-131924 17-131984 17-131994 17-132004 17-132014 17-132024 17-132034 17-132044 17-132054 d d d |
Similar Part No. - 17-101024 |
|
Similar Description - 17-101024 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |