Electronic Components Datasheet Search
  English  ▼

X  

0450 Datasheet(PDF) 2 Page - Christian Bürkert GmbH & Co. KG

Part # 0450
Description  Process Actuation System for Hazardous Areas
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0450 Datasheet(HTML) 2 Page - Christian Bürkert GmbH & Co. KG

  0450 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0450 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0450 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0450 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Process Actuation System
for Hazardous Areas
0450
EExi
Technical Data
Function H
5/2 way valve, servo-
assisted, in de-energized
position, port 2 pressurized
and port 4 exhausted.
Different returns incl.
impulse valve
Function L
5/3 way valve, servo-
assisted, in middle position,
all ports locked
Function N
5/3 way valve, servo-
assisted, in middle position,
ports 2 and 4 exhausted
Valve Characteristics
*)
valves have double mounting dimensions (36 mm wide)
Circuit function
H (5/2)
H (5/2)
H (5/2)
L (5/3)
N (5/3)
Flow rate
[l/min]
750
750
750
650
650
Pressure range
[bar]
2 – 8
2 – 8
2 – 8
2 – 8
2 – 8
Reset
air spring
spring
impulse*
spring*
spring*
Response times
opening
[ms]
19
17
16
17
16
closing
[ms]
25
27
16
27
16
Item-No.
194 941 L
194 943 N
194 944 P
194 945 Q
194 946 R
13
5
42
12
14
13
5
42
12
14
13
5
42
12
14
13
5
42
13
5
42
Page 2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com