Electronic Components Datasheet Search
  English  ▼

X  

0461 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 0461
Description  5/2 way pulse and 5/3 way solenoid valve for pneumatic applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0461 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  0461 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0461 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0461 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0461 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0461 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0461 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Visit product website 
DATA SHEET
1000187176 | Standard | EU | en | 202108 | 02
5/2 way pulse and 5/3 way solenoid valve for
pneumatic applications
• 16.5 mm width/station
• Compact design
• Block assembly
• Fast switching times
The pilot valve Type 0461 consists of a pilot control solenoid valve with dou-
ble coil and pneumatic slide valve. The principle allows the switching of high
pressures together with low power consumption and fast switching times. All
valves are equipped with a manual override as a standard.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Type 0461
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 0461

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0461-0016-01 BEL-0461-0016-01 Datasheet
57Kb / 1P
8 TAP LEADING EDGE CONTROL 100K ECL DELAY MODULES
0461-0020-01 BEL-0461-0020-01 Datasheet
57Kb / 1P
8 TAP LEADING EDGE CONTROL 100K ECL DELAY MODULES
0461-0024-01 BEL-0461-0024-01 Datasheet
57Kb / 1P
8 TAP LEADING EDGE CONTROL 100K ECL DELAY MODULES
0461-0028-01 BEL-0461-0028-01 Datasheet
57Kb / 1P
8 TAP LEADING EDGE CONTROL 100K ECL DELAY MODULES
0461-0032-01 BEL-0461-0032-01 Datasheet
57Kb / 1P
8 TAP LEADING EDGE CONTROL 100K ECL DELAY MODULES
More results

Similar Description - 0461

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
003-0137-900 SENSORTECHNICS-003-0137-900 Datasheet
99Kb / 4P
General purpose 2-way and 3-way soleniod valves
logo
M/A-COM Technology Solu...
MAPDCT0026 MA-COM-MAPDCT0026 Datasheet
103Kb / 3P
2 Way 0쨘 Power Divider 5-2400MHz
MAPDCT0029 MA-COM-MAPDCT0029 Datasheet
223Kb / 3P
2 Way 0쨘 Power Divider 5-1000MHz
MAPDCT0033 MA-COM-MAPDCT0033 Datasheet
104Kb / 3P
2 Way 0쨘 Power Divider 5-1000MHz
logo
American Accurate Compo...
JXWBGF-T-5-5-500-B12 AAC-JXWBGF-T-5-5-500-B12 Datasheet
77Kb / 1P
5-Way Power Divider
JXWBGF-T-5-806-824 AAC-JXWBGF-T-5-806-824 Datasheet
35Kb / 1P
5-Way Power Divider
logo
Transcom, Inc.
TPD03-05G18BS TRANSCOM-TPD03-05G18BS Datasheet
85Kb / 1P
5-18GHz 3-Way Power Divider
TPD03-06G18S TRANSCOM-TPD03-06G18S Datasheet
73Kb / 1P
5-18GHz 3-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
S5D1424 SYNERGY-S5D1424 Datasheet
441Kb / 3P
5-WAY POWER DIVIDER
S5D4453 SYNERGY-S5D4453 Datasheet
439Kb / 3P
5-WAY POWER DIVIDER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com