Electronic Components Datasheet Search
  English  ▼

X  

3233 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 3233
Description  T-diaphragm valve with pneumatic actuator in stainless steel (Type INOX)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3233 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  3233 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Type 2064
3 | 16
Visit product website 
1.
General technical data
Product properties
Dimensions
Detailed information can be found in chapter “4. Dimensions” on page 6.
Material
Block body (VH)1.)
Stainless steel 1.4435/316 L
Block body (VI)1.)
Stainless steel 1.4435/BN2/ASME BPE; Fe < 0.5 %/C ≤ 0.03 %
Diaphragm
EPDM (AD)1.), PTFE/EPDM (EA)1.), advanced PTFE/EPDM (EU)1.),
GYLON®/EPDM laminated (ER)1.)
Actuator cover
1.4404
Diaphragm socket
1.4308
Diaphragm size
8…50
Standard surface quality
Block body (VH/VI)1.)
Internal electrically polished : Ra ≤ 0.38 μm (NO17)1.) (ASME BPE SF4/DIN HE4)
(external Ra ≤ 1.6 µm)
Internal mechanically polished : Ra ≤ 0.5 μm (NO14)1.) (ASME BPE SF1)
(external Ra ≤ 1.6 µm)
Performance data
Pilot pressure (max.)
10.5 bar
7.5 bar for actuator size 1301.)
See “5.1. Medium pressure” on page 13
Pilot air port
Thread G ⅛
Medium data
Process medium
Neutral gases and fluids, highly purified, sterile, aggressive or abrasive medium
(see resistance chart )
Mediums temperature
EPDM (AD)1.)
- 10…+ 143 °C (steam sterilisation + 150 °C for 60 min)
PTFE/EPDM (EA)1.)
- 10…+ 130 °C (steam sterilisation + 140 °C for 60 min)
PTFE/EPDM (EU)1.)
- 5…+ 143 °C (steam sterilisation + 150 °C for 60 min)
GYLON®/EPDM laminated (ER)1.)
- 5…+ 130 °C (steam sterilisation + 140 °C for 60 min)
Control medium
Neutral gases/air
Process/Port connection & communication
Nominal diameter
DN 8…DN 100
Port connection2.)
Welded connection2.)
DIN EN ISO 1127/ISO 4200/DIN 11866 series B
DIN 11850 series 2/DIN 11866 series A/DIN EN 10357 series A
ASME BPE/DIN 11866 series C
Clamp connection2.)
DIN 32676 series A (DIN pipe)
DIN 32676 series B (ISO pipe)
ASME BPE
Environment and installation
Installation position
See operating manual 
Ambient temperature
0 °C…+ 60 °C, autoclavable (acc. to technical clarification)
1.) This information is part of the product key (see “8.3. Bürkert Product Enquiry Form” on page 15)
2.) Further versions on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com