Electronic Components Datasheet Search
  English  ▼

X  

3233 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 3233
Description  Tank bottom diaphragm valve with pneumatic actuator in stainless steel (Type INOX)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3233 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 3233 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3233 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Type 2065
6 | 13
Visit product website 
4.
Dimensions
4.1. Actuator
INOX actuator
Note:
Dimensions in mm, unless otherwise stated
K
Diaphragm size Actuator size
J
Ø K
Kl
15
50(D)
130
55
11
70(M)
139
75
11
20
70(M)
148
75
11
25
70(M)
155
75
11
90(N)
182
96
14
40
90(N)
192
96
14
130(P)
244
137
14
50
130(P)
250
137
14
INOX actuator with tank bottom body
Note:
Dimensions in mm, unless otherwise stated
C3
Diaphragm size
Actuator size
C2
C3
15
50(D)
140
128
70(M)
148
140
20
70(M)
148
166
25
70(M)
171
166
90(N)
196
189
40
90(N)
217
223
130(P)
271
268
50
130(P)
281
284



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com