| Electronic Components Datasheet Search |
|
8692 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8692 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG |
|
1 / 16 page ![]() Visit product website DATA SHEET Type 8696 Digital electropneu- matic positioner for the integrated mounting on process control valves Type 8694 Digital electropneu- matic positioner for the integrated mounting on process control valves Type 8692 Digital electropneu- matic Positioner for the integrated mounting on process control valves Type 8693 Digital electropneumat- ic process controller for the integrated mounting on process control valves 1000274158 | Standard | EU | en | 202109 | 03 2/2-way Bellow Control Valve • For neutral and aggressive media • Media separation by PTFE bellow • Hygienic design The bellow control valve is a pneumatically operated process valve with a single-acting diaphragm actuator. A PTFE bellow ensures the separation be- tween medium and actuator. The materials used and the design of the media space allow the use under hygienic or aggressive conditions. It has a good cleanability. The combination with a controller (Type 869x) and the control cone integrated into the bellow enable the valve to handle demanding control tasks. The space-saving actuator with low internal volume not only results in a very compact size but also in remarkably low response times. The valve is characterized by a good control performance due to the low-friction design and has a linear characteristic. A certain variety of body and block system solutions are deliverable. Product variants described in the data sheet may differ from the product presentation and description. Type description Can be combined with Type 2380 © Christian Bürkert GmbH & Co. KG, Subject to alteration System example Customer specific block variant |
Similar Part No. - 8692 |
|
Similar Description - 8692 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |