Electronic Components Datasheet Search
  English  ▼

X  

2865 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2865
Description  Direct-acting 2-way basic proportional valve
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2865 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2865 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2865 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2865 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2865 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2865 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2865 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2865 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2865 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2865 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Visit product website 
DATA SHEET
Type 8605
PWM control electro­
nics for electromagnetic
proportional valves
Type 2518
Cable Plug
DIN EN 175301 ­ 803 ­
Form A
Type 8611
eCONTROL ­
Universal controller
1000173852 | Standard | EU | en | 202109 | 06
Direct-acting 2-way basic proportional valve
• High dynamics
• Orifice sizes DN 2 ... 8 mm
• Good range
• Optional: Explosion­protected coil
Type 2865 is an extremely compact solenoid control valve and is available
with an orifice up to 8 mm. It is based on the standard version of Type 2875.
It is used as an actuator in closed control loops (pressure, flow, temperature,
etc.).
Compared with the standard version, the valve is essentially of simpler con­
struction and assembly and testing procedures are optimized, easing high
volume series production with shorter delivery times.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 2865
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2865

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2865 KR-2865 Datasheet
48Kb / 2P
80 MHz bandpass filter
logo
Heyco.
2865 HEYCO-2865 Datasheet
128Kb / 1P
Open/Closed Bushings
logo
Weidmuller
2865000000 WEIDMULLER-2865000000 Datasheet
288Kb / 4P
BLZ 7.62/07/180B SN GN BX
logo
PHOENIX CONTACT
2865010 PHOENIX-2865010 Datasheet
106Kb / 6P
Power supply and error indication possible via DIN rail connector
logo
Weidmuller
2865010000 WEIDMULLER-2865010000 Datasheet
288Kb / 4P
BLZ 7.62/08/180B SN GN BX
More results

Similar Description - 2865

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS1561 TTELEC-DS1561 Datasheet
312Kb / 1P
2 Way Direct Acting
DS1571 TTELEC-DS1571 Datasheet
312Kb / 1P
3 Way Direct Acting
logo
Festo Corporation.
546745 FESTO-546745 Datasheet
100Kb / 2P
Basic valve
546747 FESTO-546747 Datasheet
100Kb / 2P
Basic valve
546746 FESTO-546746 Datasheet
98Kb / 2P
Basic valve
546748 FESTO-546748 Datasheet
99Kb / 2P
Basic valve
logo
WAGO Kontakttechnik Gmb...
750-632 WAGO-750-632 Datasheet
606Kb / 11P
Proportional valve module
logo
Festo Corporation.
546740 FESTO-546740 Datasheet
99Kb / 2P
Basic valve
logo
WAGO Kontakttechnik Gmb...
750-632-000-100 WAGO-750-632-000-100 Datasheet
446Kb / 10P
Proportional valve module
logo
List of Unclassifed Man...
FAB ETC-FAB Datasheet
575Kb / 22P
Discrete direct acting 2 port solenoid valve for compressed air, manifold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com