Electronic Components Datasheet Search
  English  ▼

X  

17K1A113 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 17K1A113
Description  RJ45 Cat. 5e Ethernet Patch Cord IP67 Industrial to IP67 Industrial M28 Thread Screw Type (Metal Version)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17K1A113 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  17K1A113 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
A3
1/1
Rev.
Changes
Date
Name
R
2008
Draw.
Appd.
Norm
D-old
DIN
Scale:
Part No.:
Material:
Title:
Drawing No.:
Sheet
Autodesk
Inventor
Dim. in
Approval Date
Name
Title
Customer:
a
b
c
d
e
f
original
1 x b
1 x c
1 x d
2 x e
1 x f
Jan/29/2009
Aug/08/2011
Jun/17/2014
Jun/24/2014
Sep/21/2017
Vincent Ke
Vincent ke
Vincent Ke
Vincent Ke
Vincent Ke
Date
Dec. 12
Dec. 12
J. Chaudry
Vincent Ke
Name
1.5:1
See Notes
RJ45 Cat. 5e Ethernet Patch Cord
IP67 Industrial to IP67 Industrial
M28 Thread Screw Type (Metal Version)
17K1A113
SEE P/N ABOVE
Tolerance
Unless otherwise specified
Dimensional:
Angles
Notes:
1. Electrical:
- Meets EIA/TIA-568-B.2 Cat.5e Specification
- Connector Operating Temperature: -40
~C to +85~C
2. Materials and Finish:
- Metal Coupling Ring: Brass, Nickel Plated
- Plug Housing: Metallized ABS (UL94 V-0) or Zinc Die-Cast, Nickel Plated
- Interfacial Seal: Silicon, Color: White
- Cable Gland: Brass, Nickel Plated
- Cable Gland Seal: NBR, Color: Black
- Cat.5e RJ45 Plug Metal Shell: Copper Alloy, Nickel Plated
- Cat.5e RJ45 Plug Plastic Housing: Clear Polycarbonate UL94 V-2
- Cat.5e RJ45 Plug Contacts: Phosphor Bronze, Finish: 50 u" Gold min. over Nickel
- Cable: See Part Number Table
L
Cat. 5e RJ45 Plug, Industrial IP67
M28 Thread Screw Type
Cat. 5e RJ45 Plug, Industrial IP67
M28 Thread Screw Type
Directive 2002/95/EC RoHS Compliant
c
L
2m ± 0.02m
Part Number
17-100994
17-101004
17-101014
Cat. 5e STP 4 Pair, AWG24 Solid Black Cable
17-101084
17-101094
17-101104
Cat. 5e Outdoor UTP 4 Pair, AWG24 Solid Black Cable
17-101114
17-101124
17-101134
Cat. 5e Outdoor STP 4 Pair, AWG24 Solid Black Cable
Notes: Special cable length up to 20 meters are available please contact factory; UPT: Unshielded Twisted Pair, STP: Shielded Twisted Pair
Cable
Length
5m ± 0.05m
4m ± 0.04m
3m ± 0.03m
17-131304
17-131354
17-131404
1m ± 0.01m
17-131294
17-131344
17-131394
20m ± 0.20m
17-131334
17-131384
17-131434
15m ± 0.15m
17-131324
17-131374
17-131424
10m ± 0.10m
17-131314
17-131364
17-131414
Metallized Plastic
Plug Housing
Zinc Die-Cast
Plug Housing
Metallized Plastic
Plug Housing
Zinc Die-Cast
Plug Housing
Metallized Plastic
Plug Housing
Zinc Die-Cast
Plug Housing
17-131444
17-131454
17-131464
17-131474
17-131484
17-131494
17-131504
17-131514
17-131524
17-131534
17-131544
17-131554
17-131564
17-131574
17-131584
17-131594
17-131604
17-131614
17-131624
17-131634
17-131644
17-131654
17-131664
17-131674
16m ± 0.15m
17-132564
d
e
e
f


Similar Part No. - 17K1A113

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17K1A110 CONEC-17K1A110 Datasheet
949Kb / 1P
RJ45 Plug Kit (Metal Version) Industrial Ethernet Connector with shielded Cat. 5e RJ45 Plug
Oct. 06. 2007
17K1A110 CONEC-17K1A110 Datasheet
949Kb / 1P
RJ45 Plug Kit (Metal Version) Industrial Ethernet Connector with shielded Cat. 5e RJ45 Plug
Oct. 06. 2007
17K1A111 CONEC-17K1A111 Datasheet
627Kb / 1P
Protective Cover Assembly Kit Metal Version Industrial Ethernet Connector (IP67)
17K1A112 CONEC-17K1A112 Datasheet
317Kb / 1P
RJ45 Cat. 5e Ethernet Patch Cord IP67 Industrial to Standard M28 Thread Screw Type (Metal Version)
Dec. 12. 2008
17K1A115 CONEC-17K1A115 Datasheet
867Kb / 1P
IP67 USB 2.0 Type A Plug (Solder Cup) Assembly Kit Metal Version
More results

Similar Description - 17K1A113

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17K1A111 CONEC-17K1A111 Datasheet
627Kb / 1P
Protective Cover Assembly Kit Metal Version Industrial Ethernet Connector (IP67)
RJ45-IP67 CONEC-RJ45-IP67 Datasheet
2Mb / 28P
RJ45-IP67 Industrial Ethernet Connector System
logo
Red Lion Controls. Inc
108M12-HV REDLION-108M12-HV Datasheet
887Kb / 3P
IP67 Rated Unmanaged Industrial Ethernet Switch
108M12 REDLION-108M12 Datasheet
798Kb / 3P
IP67 Rated Unmanaged Industrial Ethernet Switch
105M12 REDLION-105M12 Datasheet
886Kb / 3P
IP67 Rated Unmanaged Industrial Ethernet Switch
logo
Belden Inc.
E500001 BELDEN-E500001 Datasheet
250Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
E502001 BELDEN-E502001 Datasheet
250Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
E504001 BELDEN-E504001 Datasheet
250Kb / 2P
Cord Sets, DataTuff짰 Cat 5e 600V AWM IP67 RJ45 Cord Set, 1m
E506001 BELDEN-E506001 Datasheet
250Kb / 2P
Cord Sets, DataTuff짰 Cat 5e IP67 RJ45 Cord Set, 1m
E508001 BELDEN-E508001 Datasheet
96Kb / 2P
Cord Sets - DataTuff짰 Cat 5e 600V AWM IP67 RJ45 Cord Set
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com