Electronic Components Datasheet Search
  English  ▼

X  

6524 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 6524
Description  3/2-way flipper solenoid valve, direct-acting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6524 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 6524 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 6524 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 6524 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 6524 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 6524 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 6524 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 6524 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 6524 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 6524 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Type 6144
13 | 17
Visit product website 
6.
Performance specifications
6.1. Electrical data ATEX/IECEx ia version
Note:
• The valve is designed to operate on 24 V DC outputs through an intermediary intrinsically safe apparatus (isolating block or barri-
er).
• Please refer to the Type 6144  additional instructions for the permissible maximum values/value pairs.
• Type of protection: PTB 07 ATEX 2048 X, II 2G Ex ia IIC T4…T6 Gb
IECEx PTB 07.0063X, Ex ia IIC T4…T6 Gb
SPS/
PLC
Barrier/
isolating
component
24 V DC
≥ Umin
+
≥ lmin
+
–
Version
Resistance
at 20 °C
± 4 %
Minimum
terminal
voltage
Minimum
current
[Ω]
[V]
[mA]
For use with a 30 Ω
supply module
320
9.3
29
High resistance version
510
11.7
23
7.
Ordering information
7.1. Bürkert eShop – Easy ordering and quick delivery
Bürkert eShop – Easy ordering and quick delivery
You want to find your desired Bürkert product or spare part quickly and order directly?
Our online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now
7.2. Bürkert product filter
Bürkert product filter – Get quickly to the right product
You want to select products comfortably based on your technical requirements?
Use the Bürkert product filter and find suitable articles for your application quickly and
easily.
Try out our product filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com