Electronic Components Datasheet Search
  English  ▼

X  

6516 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 6516
Description  Pilot-Operated Solenoid Valve for Process Actuation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

6516 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  6516 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 6516 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pilot-Operated Solenoid Valve
for Process Actuation
6516
6517
EExi
_
+
≥ Imin
BARRIER
Safe Area
Hazardous Area
II2G EEx ia IIC T6 approved
PTB 01 ATEX 2175
FM IS / I, II, III /1/ ABCDEFG
approved
High flow rates
Long service life
6516/6517 EExi
3/2- or 5/2-Way, PN 2 – 8 bar
www.buerkert-contromatic.com
The 6516/6517 EExi valves are used for process actuation in
hazardous areas.
Thanks to the intrinsically safe design and the possibility of
block mounting, the valves can be used in a wide variety of
demanding applications.
Process Specification
Nominal voltage
24 V/DC
(for further information also consult our
data sheet „Recommended Barriers“)
Duty cycle
100% continuously rated
Protection class
IP 65 with cable plug
Materials
Body
PA
Threaded port material
Brass or stainless steel
Seal
PB (NBR and PUR)
Fluids
Lubricated or unlubricated
compressed air, instrument air
and nitrogen
Ambient temperatures
Block assembly
-10 up to +50°C (T6)
-10 up to +55°C (T5)
Single mounting
-10 up to +55°C (T6)
Mounting position
Any, preferably solenoid
system upright
Page 1 / 2
Applications: Target markets
• Chemical industry
• Pharmaceutical processing equipment
• Industrial waste water treatment
• Oil and gas industry


Similar Part No. - 6516

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6516 POMONA-6516 Datasheet
28Kb / 1P
Standard Weco to BNC (M) Cable
More results

Similar Description - 6516

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
119600 FESTO-119600 Datasheet
99Kb / 2P
Pilot valve
119601 FESTO-119601 Datasheet
99Kb / 2P
Pilot valve
119602 FESTO-119602 Datasheet
99Kb / 2P
Pilot valve
119603 FESTO-119603 Datasheet
99Kb / 2P
Pilot valve
535614 FESTO-535614 Datasheet
93Kb / 2P
Pilot valve
535615 FESTO-535615 Datasheet
91Kb / 2P
Pilot valve
535616 FESTO-535616 Datasheet
90Kb / 2P
Pilot valve
535617 FESTO-535617 Datasheet
90Kb / 2P
Pilot valve
8119587 FESTO-8119587 Datasheet
85Kb / 2P
Pilot valve
11/18/21
logo
List of Unclassifed Man...
R119 ETC-R119 Datasheet
38Kb / 2P
R119 Pilot Operated Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com