Electronic Components Datasheet Search
  English  ▼

X  

BYV29-400 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BYV29-400
Description  Super Fast Recovery Rectifier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BYV29-400 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BYV29-400 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BYV29-400 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BYV29-400 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Super Fast Recovery Rectifier Diode
BYV29-400
www.iscsemi.com
1
FEATURES
· Fast switching
· Low forward volt drop
· High thermal cycling performance
· Low thermal resistance
APPLICATIONS
· Power Factor Correction (PFC)
· Discontinuous Current Mode (DCM)
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VR
DC Blocking Voltage
400
V
IF(AV)
Average Rectified Forward Current
50% duty cycle
9
A
IFSM
Nonrepetitive Peak Surge Current
(Rated Load 8.3 Half Mssine Wave-
According to JEDEC Method)
100
A
TJ
Junction Temperature
-40~175
℃
Tstg
Storage Temperature Range
-40~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2
℃
/W
TO-220AC Package


Similar Part No. - BYV29-400

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV29-400 PHILIPS-BYV29-400 Datasheet
42Kb / 5P
Rectifier diodes ultrafast
September 1998 Rev 1.300
logo
Vishay Siliconix
BYV29-400 VISHAY-BYV29-400 Datasheet
144Kb / 5P
Ultrafast Rectifier
07-Nov-07
logo
WeEn Semiconductors
BYV29-400 WEEN-BYV29-400 Datasheet
453Kb / 11P
Ultrafast power diode
logo
Seme LAB
BYV29-400M SEME-LAB-BYV29-400M Datasheet
22Kb / 2P
HERMETICALLY SEALED FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS
BYV29-400M SEME-LAB-BYV29-400M Datasheet
26Kb / 2P
HERMETICALLY SEALED FAST RECOVERY SILICON RECTIFIER FOR HI-REL APPLICATIONS
More results

Similar Description - BYV29-400

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
S10A2CIA KEC-S10A2CIA Datasheet
435Kb / 2P
SUPER FAST RECOVERY RECTIFIER DIODE
S10A2CIC KEC-S10A2CIC Datasheet
44Kb / 2P
SUPER FAST RECOVERY RECTIFIER DIODE
S10A2CIC KEC-S10A2CIC_15 Datasheet
583Kb / 2P
SUPER FAST RECOVERY RECTIFIER DIODE
logo
Jiangsu High diode Semi...
ES1AF HDSEMI-ES1AF Datasheet
1Mb / 4P
Super Fast Recovery Rectifier Diode
SF11 HDSEMI-SF11 Datasheet
1Mb / 4P
Super Fast Recovery Rectifier Diode
logo
Yangzhou yangjie electr...
E1A YANGJIE-E1A Datasheet
110Kb / 2P
Super Fast Recovery Rectifier Diode
E1AF YANGJIE-E1AF Datasheet
157Kb / 2P
Super Fast Recovery Rectifier Diode
E2AF YANGJIE-E2AF Datasheet
167Kb / 2P
Super Fast Recovery Rectifier Diode
ES3A YANGJIE-ES3A Datasheet
152Kb / 2P
Super Fast Recovery Rectifier Diode
logo
First Silicon Co., Ltd
E1A FS-E1A Datasheet
176Kb / 2P
Super Fast Recovery Rectifier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com