Electronic Components Datasheet Search
  English  ▼

X  

162811 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 162811
Description  Shut off valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

162811 Datasheet(HTML) 1 Page - Festo Corporation.

  162811 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shut off valve
HE-3/4-D-MIDI
Part number: 162811
General operating condition
Data sheet
Feature
Value
Structural design
Piston gate valve
Actuation type
Manual
Sealing principle
Soft
Exhaust air function
Without flow control option
Manual override
None
Symbol
00995571
Valve function
3/2, bistable
Operating pressure
0 bar ... 16 bar
C value
17.3 l/sbar
b-value
0.42
Standard nominal flow rate
3800 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Note on materials
RoHS-compliant
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Type of mounting
Line installation
With accessories
Mounting position
Any
Flow direction
Non-reversible
Product weight
511 g
Pneumatic connection 1
G3/4
Pneumatic connection 2
G3/4
Pneumatic connection 3
G1/4
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Seals material
NBR
Housing material
Die-cast aluminum
4/3/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 162811

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1628115 PHOENIX-1628115 Datasheet
120Kb / 8P
AC charging cable - EV-T2G3P-1AC32A-1,5M6,0ESBK01
09/12/2020
More results

Similar Description - 162811

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
541258 FESTO-541258 Datasheet
83Kb / 1P
Shut off valve
3/25/22
541268 FESTO-541268 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541269 FESTO-541269 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541270 FESTO-541270 Datasheet
85Kb / 1P
Shut off valve
3/25/22
541272 FESTO-541272 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541276 FESTO-541276 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541283 FESTO-541283 Datasheet
83Kb / 1P
Shut off valve
3/25/22
542583 FESTO-542583 Datasheet
86Kb / 2P
Shut off valve
3/27/22
532117 FESTO-532117 Datasheet
85Kb / 2P
Shut off valve
3/29/22
538749 FESTO-538749 Datasheet
81Kb / 2P
Shut off valve
3/29/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com