Electronic Components Datasheet Search
  English  ▼

X  

170682 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 170682
Description  Shut off valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

170682 Datasheet(HTML) 1 Page - Festo Corporation.

  170682 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shut off valve
HE-D-MIDI
Part number: 170682
General operating condition
Data sheet
Feature
Value
Structural design
Piston gate valve
Actuation type
Manual
Sealing principle
Soft
Exhaust air function
Without flow control option
Manual override
None
Symbol
00995571
Valve function
3/2, bistable
Operating pressure
0 bar ... 16 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Note on materials
RoHS-compliant
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Type of mounting
Line installation
With accessories
Mounting position
Any
Flow direction
Non-reversible
Product weight
511 g
Pneumatic connection 3
G1/4
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Seals material
NBR
Housing material
Die-cast aluminum
4/3/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 170682

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1706822 FESTO-1706822 Datasheet
81Kb / 1P
Adapter kit
logo
List of Unclassifed Man...
170682630CB ETC2-170682630CB Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
logo
Cornell Dubilier Electr...
170682J630CB1 CDE-170682J630CB1 Datasheet
409Kb / 3P
Type 170 Axial Leaded Metallized Polypropylene
logo
List of Unclassifed Man...
170682J630CBJ ETC2-170682J630CBJ Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
170682K630CB ETC2-170682K630CB Datasheet
409Kb / 3P
High Current / Low ESR, Wrap and Fill Axial Leaded Capacitors
More results

Similar Description - 170682

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
541258 FESTO-541258 Datasheet
83Kb / 1P
Shut off valve
3/25/22
541268 FESTO-541268 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541269 FESTO-541269 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541270 FESTO-541270 Datasheet
85Kb / 1P
Shut off valve
3/25/22
541272 FESTO-541272 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541276 FESTO-541276 Datasheet
80Kb / 1P
Shut off valve
3/25/22
541283 FESTO-541283 Datasheet
83Kb / 1P
Shut off valve
3/25/22
542583 FESTO-542583 Datasheet
86Kb / 2P
Shut off valve
3/27/22
532117 FESTO-532117 Datasheet
85Kb / 2P
Shut off valve
3/29/22
538749 FESTO-538749 Datasheet
81Kb / 2P
Shut off valve
3/29/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com