Electronic Components Datasheet Search
  English  ▼

X  

PDTC114TE Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTC114TE
Description  NPN resistor-equipped transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC114TE Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTC114TE Datasheet HTML 1Page - NXP Semiconductors PDTC114TE Datasheet HTML 2Page - NXP Semiconductors PDTC114TE Datasheet HTML 3Page - NXP Semiconductors PDTC114TE Datasheet HTML 4Page - NXP Semiconductors PDTC114TE Datasheet HTML 5Page - NXP Semiconductors PDTC114TE Datasheet HTML 6Page - NXP Semiconductors PDTC114TE Datasheet HTML 7Page - NXP Semiconductors PDTC114TE Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1998 Aug 03
2
Philips Semiconductors
Product specification
NPN resistor-equipped transistor
PDTC114TE
FEATURES
• Built-in bias resistor R1 (typ. 10 kΩ)
• Simplification of circuit design
• Reduces number of components
and board space.
APPLICATIONS
• Especially suitable for space
reduction in interface and driver
circuits
• Inverter circuit configurations
without use of an external resistor.
DESCRIPTION
NPN resistor-equipped transistor in
an SC-75; SOT416 plastic package.
PNP complement: PDTA114TE.
PINNING
PIN
DESCRIPTION
1
base/input
2
emitter/ground
3
collector/output
Fig.1 Simplified outline (SC-75; SOT416) and symbol.
handbook, 4 columns
MAM347
1
2
3
Top view
12
3
R1
Fig.2
Equivalent inverter
symbol.
MGA893 - 1
1
3
2
MARKING
TYPE
NUMBER
MARKING
CODE
PDTC114TE
24
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCEO
collector-emitter voltage
open base
−−
50
V
IO
output current (DC)
−−
100
mA
ICM
peak collector current
−−
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
−−
150
mW
hFE
DC current gain
IC = 1 mA; VCE = 5 V
200
−−
R1
input resistor
7
10
13
k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com