Electronic Components Datasheet Search
  English  ▼

X  

529004 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 529004
Description  Pressure regulator manifold
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

529004 Datasheet(HTML) 1 Page - Festo Corporation.

  529004 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pressure regulator manifold
LRB-3/8-D-7-O-K5-MIDI
Part number: 529004
General operating condition
Data sheet
Feature
Value
Size
Midi
Series
D
Actuator lock
Rotary knob with detent
Mounting position
Any
Structural design
Directly controlled diaphragm regulator
with continuous compressed air supply
Controller function
Outlet pressure constant
With primary pressure compensation
With secondary exhausting
Symbol
00995334
Pressure gauge
G1/4 prepared
Operating pressure
1 bar ... 16 bar
Pressure regulation range
0.5 bar ... 7 bar
Max. pressure hysteresis
0.2 bar
Standard nominal flow rate
3800 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [7:4:4]
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Product weight
4828 g
Type of mounting
With accessories
Pneumatic connection 1
G3/8
Pneumatic connection 2
G3/8
Material of sub-base
Die-cast zinc
Material of operator panel
PA
Seals material
NBR
Housing material
Die-cast zinc
4/2/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 529004

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529000 FESTO-529000 Datasheet
111Kb / 1P
Pressure regulator manifold
529001 FESTO-529001 Datasheet
112Kb / 1P
Pressure regulator manifold
529002 FESTO-529002 Datasheet
111Kb / 1P
Pressure regulator manifold
529003 FESTO-529003 Datasheet
112Kb / 1P
Pressure regulator manifold
529005 FESTO-529005 Datasheet
110Kb / 1P
Pressure regulator manifold
More results

Similar Description - 529004

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4115A FREESCALE-MPX4115A Datasheet
740Kb / 9P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure,Altimeter or Baromater Applications
MPXAZ4100A FREESCALE-MPXAZ4100A Datasheet
194Kb / 8P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal
logo
Infineon Technologies A...
KP21X INFINEON-KP21X Datasheet
194Kb / 2P
Integrated Pressure Sensor IC for Manifold Air Pressure Measurement Applications
logo
Festo Corporation.
529424 FESTO-529424 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531422 FESTO-531422 Datasheet
85Kb / 2P
Pressure regulator
3/16/22
531450 FESTO-531450 Datasheet
84Kb / 2P
Pressure regulator
3/16/22
540040 FESTO-540040 Datasheet
103Kb / 1P
Pressure regulating valve manifold
3/23/22
540041 FESTO-540041 Datasheet
109Kb / 1P
Pressure regulating valve manifold
3/23/22
540042 FESTO-540042 Datasheet
110Kb / 1P
Pressure regulating valve manifold
3/23/22
540043 FESTO-540043 Datasheet
113Kb / 1P
Pressure regulating valve manifold
3/23/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com