Electronic Components Datasheet Search
  English  ▼

X  

532784 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 532784
Description  Active carbon filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

532784 Datasheet(HTML) 1 Page - Festo Corporation.

  532784 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Active carbon filter
LFX-3/4-D-MIDI
Part number: 532784
General operating condition
Data sheet
Feature
Value
Size
Midi
Series
D
Mounting position
Vertical +/- 5°
Structural design
Active carbon filter
Fiber filter
Bowl guard
Metal bowl guard
Symbol
00991519
Operating pressure
0 bar ... 16 bar
Recommended maximum standard flow
900 l/min
Max. standard flow rate for air quality class
900 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [1:4:2]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Storage temperature
-10 °C ... 60 °C
Air quality class at the output
Compressed air as per ISO 8573-1:2010 [1:4:1]
Inert gas
Temperature of medium
5 °C ... 30 °C
Residual oil content
≤0.003 mg/m³
Ambient temperature
-10 °C ... 60 °C
Product weight
816 g
Type of mounting
Optionally:
Line installation
With mounting bracket
Pneumatic connection
G3/4
Pneumatic connection 1
Sub-base
G3/4
Pneumatic connection 2
Sub-base
G3/4
Note on materials
RoHS-compliant
Compressed air filter material
Activated carbon
Fabric
Housing material
Die-cast zinc
Material of bowl
PC
3/25/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 532784

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53278 MICROPAC-53278 Datasheet
175Kb / 7P
28 V HIGH SIDE LATCHING SOLID-STATE POWER CONTROLLER
logo
Festo Corporation.
532780 FESTO-532780 Datasheet
86Kb / 1P
Active carbon filter
532781 FESTO-532781 Datasheet
85Kb / 1P
Active carbon filter
532782 FESTO-532782 Datasheet
86Kb / 1P
Active carbon filter
532783 FESTO-532783 Datasheet
85Kb / 1P
Active carbon filter
More results

Similar Description - 532784

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529681 FESTO-529681 Datasheet
79Kb / 1P
Active carbon filter
3/10/22
529683 FESTO-529683 Datasheet
79Kb / 1P
Active carbon filter
3/10/22
531764 FESTO-531764 Datasheet
79Kb / 1P
Active carbon filter
3/10/22
531921 FESTO-531921 Datasheet
79Kb / 1P
Active carbon filter
3/10/22
531922 FESTO-531922 Datasheet
80Kb / 1P
Active carbon filter
3/10/22
535786 FESTO-535786 Datasheet
79Kb / 1P
Active carbon filter
3/10/22
536709 FESTO-536709 Datasheet
79Kb / 1P
Active carbon filter
3/10/22
552927 FESTO-552927 Datasheet
79Kb / 1P
Active carbon filter
3/10/22
553034 FESTO-553034 Datasheet
76Kb / 1P
Active carbon filter
3/10/22
564038 FESTO-564038 Datasheet
76Kb / 1P
Active carbon filter
3/10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com