Electronic Components Datasheet Search
  English  ▼

X  

3D3521 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 3D3521
Description  MONOLITHIC MANCHESTER ENCODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3521 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  3D3521 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3521 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3521 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3521 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3D3521
MONOLITHIC MANCHESTER
ENCODER
(SERIES 3D3521)
FEATURES
•
All-silicon, low-power CMOS
technology
•
3.3V operation
•
CMOS compatible inputs and
outputs
•
Vapor phase, IR and wave
solderable
•
Auto-insertable (DIP pkg.)
•
Low ground bounce noise
•
Maximum data rate: 50 MBaud
FUNCTIONAL DESCRIPTION
The 3D3521 is a monolithic CMOS Manchester Encoder. The clock
and data, present at the unit input, are combined into a single bi-phase-
level signal. In this encoding mode, a logic one is represented by a
high-to-low transition within the bit cell, while a logic zero is represented
by a low-to-high transition. The unit operating baud rate (in Mbaud) is
equal to the input clock frequency (in MHZ). All pins marked N/C must
be left unconnected.
data
delay
devices, inc.
3
PACKAGES
8
7
6
5
1
2
3
4
CLK
RESB
DAT
GND
VDD
N/C
TXB
TX
3D3521M
DIP (.300)
3D3521H
Gull Wing (.300)
3D3521Z
SOIC (.150)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
CLK
N/C
N/C
RESB
DAT
N/C
GND
VDD
N/C
N/C
N/C
N/C
TXB
TX
3D3521
DIP (.300)
3D3521G Gull Wing (.300)
3D3521D SOIC (.150)
PIN DESCRIPTIONS
DAT
Data Input
CLK
Clock Input
RESB Reset
TX
Signal Output
TXB
Inverted Signal Output
VDD
+3.3 Volts
GND
Ground
For mechanical dimensions, click
here.
For package marking details, click
here.
The all-CMOS 3D3521 integrated circuit has been designed as a reliable, economic alternative to hybrid
Manchester Encoders. It is CMOS-compatible and is offered in standard 8-pin and 14-pin auto-insertable
DIPs and space saving surface mount 8-pin and 14-pin SOICs.
Doc #06004
DATA DELAY DEVICES, INC.
1
5/8/2006
3 Mt. Prospect Ave. Clifton, NJ 07013


Similar Part No. - 3D3521

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3522 DATADELAY-3D3522 Datasheet
257Kb / 4P
MONOLITHIC MANCHESTER DECODER
3D3522-0.5 DATADELAY-3D3522-0.5 Datasheet
257Kb / 4P
MONOLITHIC MANCHESTER DECODER
3D3522-1 DATADELAY-3D3522-1 Datasheet
257Kb / 4P
MONOLITHIC MANCHESTER DECODER
3D3522-10 DATADELAY-3D3522-10 Datasheet
257Kb / 4P
MONOLITHIC MANCHESTER DECODER
3D3522-20 DATADELAY-3D3522-20 Datasheet
257Kb / 4P
MONOLITHIC MANCHESTER DECODER
More results

Similar Description - 3D3521

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
Manchester Encoder / Decoder
logo
Data Delay Devices, Inc...
3D7501 DATADELAY-3D7501 Datasheet
34Kb / 4P
MONOLITHIC MANCHESTER ENCODER
3D7503D-20 DATADELAY-3D7503D-20 Datasheet
47Kb / 5P
MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Intersil Corporation
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
CMOS Manchester Encoder-Decoder
March 1997
logo
Data Delay Devices, Inc...
3D3523 DATADELAY-3D3523 Datasheet
292Kb / 5P
MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
CMOS Manchester Encoder-Decoder
March 1997
logo
Data Delay Devices, Inc...
3D7523 DATADELAY-3D7523 Datasheet
292Kb / 5P
MONOLITHIC MANCHESTER ENCODER/DECODER
3D7521 DATADELAY-3D7521 Datasheet
229Kb / 4P
MONOLITHIC MANCHESTER ENCODER
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
MONOLITHIC MANCHESTER ENCODER/DECODER
12/11/98
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
CMOS Manchester Encoder-Decoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com