Electronic Components Datasheet Search
  English  ▼

X  

3D3522 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3D3522
Description  MONOLITHIC MANCHESTER DECODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3522 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D3522 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3522 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3522 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3522 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3D3522
APPLICATION NOTES
The 3D3522 Manchester Decoder samples the
input at precise pre-selected intervals to retrieve
the data and to recover the clock from the
received data stream. Its architecture comprises
finely tuned delay elements and proprietary
circuitry which, in conjunction with other circuits,
implement the data decoding and clock recovery
function.
OUTPUT SIGNAL CHARACTERISTICS
The 3D3522 presents at its outputs the decoded
data (inverted) and the recovered clock. The
decoded data is valid at the rising edge of the
clock.
The clock recovery function operates in two
modes dictated by the input data stream bit
sequence. When a data bit is succeeded by its
inverse, the clock recovery circuit is engaged and
forces the clock output low for a time equal to
one over twice the baud rate. Otherwise, the
input is presented at the clock output unchanged,
shifted in time.
INPUT SIGNAL CHARACTERISTICS
Encoded data transmitted from a source arrives
at its destination corrupted. Such corruption of
the received data manifests itself as jitter and/or
pulse width distortion at the input to the device.
The instantaneous deviations from nominal Baud
Rate and/or Pulse Width (high or low) adversely
impact the data extraction and clock recovery
function if their published limits are exceeded.
See Table 4, Allowed Baud Rate/Duty Cycle.
When engaged, the clock recovery circuit
generates a low-going pulse of fixed width.
Therefore, the clock duty cycle is strongly
dependent on the baud rate, as this will affect
the clock-high duration.
The 3D3522 Manchester Decoder Data Input is
CMOS compatible. The user should assure
that the 50% (of VDD) threshold is used when
referring to all timing, especially the input pulse
widths.
The clock output falling edge is not operated on
by the clock recovery circuitry. It, therefore,
preserves more accurately the clock frequency
information embedded in the transmitted data.
Therefore, it can be used, if it is desired, to
retrieve clock frequency information.
FREQUENCY (JITTER) ERRORS
POWER SUPPLY AND
TEMPERATURE CONSIDERATIONS
The 3D3522 Manchester Decoder, being a self-
timed device, is tolerant of frequency modulation
(jitter) present in the input data stream, provided
that the input data pulse width variations remain
within the allowable ranges.
CMOS integrated circuitry is strongly dependent
on power supply and temperature. The
monolithic 3D3522 Manchester Decoder utilizes
novel and innovative compensation circuitry to
minimize timing variations induced by fluctuations
in power supply and/or temperature.
.
CLOCK
(CLK)
RECEIVED
(RX)
Figure 1: Timing Diagram
tC
DECODED
1011001
ENCODED
1011001
0
DATA
(DATB)
tCL
tCWL
tCD
Doc #06005
DATA DELAY DEVICES, INC.
2
5/8/2006
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com