Electronic Components Datasheet Search
  English  ▼

X  

BC846ADW Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # BC846ADW
Description  Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

BC846ADW Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  BC846ADW Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . BC846ADW Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd . BC846ADW Datasheet HTML 3Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.1
1
10
0.1
1
10
100
200
400
600
800
1000
0.1
1
10
100
0
25
50
75
100
125
150
0
50
100
150
200
250
0.1
1
10
100
200
400
600
800
1000
0.1
1
10
100
10
100
1000
0.1
1
10
100
10
100
1000
012
3456
0
1
2
3
4
5
6
7
110
10
100
1000
REVERSE VOLTAGE
V
(V)
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/ V
EB
C
ob
/ C
ib
——
20
BASE-EMMITER VOLTAGE
V
BE
(mV)
I
C
V
BE
COMMON EMITTER
V
CE=5V
AMBIENT TEMPERATURE
T
a
( )
℃
P
C
——
T
a
COLLECTOR CURRENT
I
C
(mA)
β=20
T
a=100
℃
T
a=25
℃
I
C
V
BEsat
——
COLLECTOR CURRENT
I
C
(mA)
I
C
V
CEsat
——
T
a=100
℃
T
a=25
℃
β=20
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE=5V
T
a=25
℃
T
a=100
℃
I
C
h
FE
——
6uA
20uA
18uA
16uA
14uA
12uA
10uA
8uA
4uA
I
B=2uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
COMMON
EMITTER
T
a=25
℃
Static Characteristic
50
COLLECTOR CURRENT
I
C
(mA)
V
CE=5V
T
a=25
℃
I
C
——
f
T
——
C846xDW-SERIES
B
DUAL TRANSISTOR(NPN+NPN)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com