Electronic Components Datasheet Search
  English  ▼

X  

89259 Datasheet(PDF) 1 Page - Belden Inc.

Part # 89259
Description  75 Ohm Analog Video Coax, RG-59, 22 AWG Str BC, 95% BC Braid, FEP Jkt, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

89259 Datasheet(HTML) 1 Page - Belden Inc.

  89259 Datasheet HTML 1Page - Belden Inc. 89259 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 89259
75 Ohm Analog Video Coax, RG-59, 22 AWG Str BC, 95% BC Braid, FEP
Jkt, CMP
Product Description
75 Ohm Analog Video Coax, RG-59, 22 AWG (7x30) Bare Copper Conductor , FEP Insulation, 95% Bare Copper Braid Shield, FEP Jacket, CMP
Technical Specifications
Product Overview
Suitable Applications:
Standard analog video
Construction Details
RG Type:
59
Conductor
Size
Stranding Nom. Diameter
Material
22 AWG 7x30
0.029 in
BC - Bare Copper
Insulation
Material
Nom. Insulation Diameter Color Code
FEP - Fluorinated Ethylene Propylene (Foam) 0.135 in (3.43 mm)
White
Outer Shield
Outer Shield Type
Material
Coverage
Braid
Bare Copper (BC) 95%
Outer Jacket
Material
Nom. Diameter
FEP - Fluorinated Ethylene Propylene 0.193 in (4.90 mm)
Overall Cable Diameter (Nominal): 0.193 in (4.90 mm)
Electrical Characteristics
Attenuation
Frequency Nom. Attenuation
1 MHz
0.3 dB/100ft
10 MHz
0.9 dB/100ft
50 MHz
2.1 dB/100ft
100 MHz
3 dB/100ft
200 MHz
4.5 dB/100ft
400 MHz
6.6 dB/100ft
700 MHz
9.0 dB/100ft
900 MHz
10.1 dB/100ft
1000 MHz
11.0 dB/100ft
Electricals
Nom. Conductor DCR
Nom. Outer Shield DCR
Nom. Capacitance Cond-to-Shield Nom. Characteristic Impedance Nom. Velocity of Prop.
15 Ohm/1000ft
2.6 Ohm/1000ft (8.5 Ohm/km) 17.3 pF/ft (56.8 pF/m)
75 Ohm
78%
Voltage


Similar Part No. - 89259

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8925 ALLEGRO-8925 Datasheet
86Kb / 8P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH LINEAR CURRENT CONTROL AND POWER DMOS OUTPUTS
logo
List of Unclassifed Man...
8925 ETC2-8925 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8925 ETC2-8925 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8925 ETC2-8925 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
Heyco.
8925 HEYCO-8925 Datasheet
129Kb / 1P
Heyco® Hose and Cable Wrap-Polyethylene
More results

Similar Description - 89259

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
1855P BELDEN-1855P Datasheet
241Kb / 3P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMP
4855P BELDEN-4855P Datasheet
113Kb / 3P
12 GHz Coax, 4K UHD Precision Video Coax, Mini RG-59 Type, 75 Ohm, 23 AWG Solid, CMP
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
1505F BELDEN-1505F Datasheet
243Kb / 2P
75 Ohm SDI Coax, RG-59, 22 AWG Str BC, Double 95% TC Braid
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
8219 BELDEN-8219 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
89696 BELDEN-89696 Datasheet
155Kb / 3P
POS Cable, #22-2pr, BC, FEP, O/A Foil55% TC Braid, FEP Jkt, CMP
05-05-2023
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com