Electronic Components Datasheet Search
  English  ▼

X  

6A05-G Datasheet(PDF) 1 Page - Comchip Technology

Part # 6A05-G
Description  General Purpose Rectif
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

6A05-G Datasheet(HTML) 1 Page - Comchip Technology

  6A05-G Datasheet HTML 1Page - Comchip Technology 6A05-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25
oC ambient temperature unless otherwise specified.
NOTES :
-55 to +125
P600
Voltage Range 50 to 1000 V
Current 6.0 Ampere
6A05
6A1-G
6A4-G
6A2-G
50
400
200
100
35
280
140
70
50
400
200
100
6.0
5.0
250
500
100
100
UNIT
V
V
V
V
A
A
uA
uA
o
C
pF
o
C/W
6A6-G
600
420
600
6A8-G
800
560
800
6A10-G
1000
700
1000
1.1
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 1)
Operating Junction and Storage
Current TL=50
o
C
Half sine-wave superimposed on rated load
(JEDEC method)
@ 6.0 A
At Rated DC Blocking Voltage @TJ=100
oC
Features
Low forward voltage drop
High current capability
Case: Molded plastic P600
High surge current capability
Weight: 2.1 gram
Polarity:Color band denotes cathode end
method 208 guaranteed
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Epoxy: UL 94V-0 rate flame retardant
Mechanical Data
Low reverse leakage current
Typical Thermal Resistance (Note 2)
R JA
SYMBOL
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
TJ,TSTG
Temperature Range
(1) Thermal Resistance junction to lead.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.360(9.1)
.340(8.6)
.052(1.3)
.048(1.2)
DIA.
.360(9.1)
.340(8.6)
DIA.
General Purpose Rectifiers
6A05-G THRU 6A10-G (RoHS Device)
Comchip Technology Corporation Tel: 510-657-8671 Fax: 510-657-8921 www.comchiptech.com


Similar Part No. - 6A05-G

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
6A05-6A10 SMC-6A05-6A10 Datasheet
138Kb / 4P
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0
logo
Jiangsu High diode Semi...
6A05-6A10 HDSEMI-6A05-6A10 Datasheet
1Mb / 4P
R-6 Plastic-Encapsulate Diodes
logo
Rectron Semiconductor
6A05-B RECTRON-6A05-B Datasheet
33Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
logo
Diodes Incorporated
6A05-T DIODES-6A05-T Datasheet
63Kb / 3P
6.0A SILICON RECTIFIER
DS28009 Rev. 7 - 2
logo
Rectron Semiconductor
6A05-T RECTRON-6A05-T Datasheet
33Kb / 3P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
More results

Similar Description - 6A05-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
SeCoS Halbleitertechnol...
SEF112B SECOS-SEF112B Datasheet
233Kb / 2P
1.0 A High Voltage Ultrafast Rectif
logo
ON Semiconductor
NTSA4100 ONSEMI-NTSA4100 Datasheet
63Kb / 5P
Schottky Rectif
October, 2015 ??Rev. 2
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
SNP-F60 SKYNET-SNP-F60 Datasheet
355Kb / 4P
General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
General Purpose
logo
SAMYANG ELECTRONICS CO....
SB22S SAMYANG-SB22S Datasheet
1Mb / 3P
Schottky Bridge Rectif iers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com