Electronic Components Datasheet Search
  English  ▼

X  

33880 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33880
Description  Configurable Octal Serial Switch with Serial Peripheral Interface I/O
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33880 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33880 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33880 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33880
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
VDD Supply Voltage (1)
VDD
-0.3 to 7.0
VDC
CS, DI, DO, SCLK, IN5, IN6, and EN (1)
–
-0.3 to 7.0
VDC
VPWR Supply Voltage (1)
VPWR
-16 to 50
VDC
Drain 1–8 (2)
5.0 mA
≤ I
OUT ≤ 0.3 A
–
-18 to 40
VDC
Source 1–8 (3)
5.0 mA
≤ I
OUT ≤ 0.3 A
–
-28 to 40
VDC
Output Voltage Clamp Low-Side Drive (4)
VOC
40 to 55
VDC
Output Voltage Clamp High-Side Drive (4)
VOC
-15 to -25
VDC
Output Clamp Energy (5)
ECLAMP
50
mJ
ESD Voltage (6)
Human Body Model
Machine Model
VESD1
VESD2
±2000
±200
V
Storage Temperature
TSTG
-55 to 150
°C
Operating Case Temperature
TC
-40 to 125
°C
Operating Junction Temperature
TJ
-40 to 150
°C
Maximum Junction Temperature
–
-40 to 150
°C
Power Dissipation (TA = 25°C)
(7)
28 SOIC, Case 751F-05
32 SOIC, Case 1324-02
PD
1.3
1.7
W
Thermal Resistance, Junction-to-Ambient, 28 SOIC, Case 751F-05
RθJA
94
°C/W
Thermal Resistance, Junction-to-Ambient, 32 SOIC, Case 1324-02
Thermal Resistance, Junction-to-Thermal Ground Leads, 32 SOIC, Case 1324-02
RθJA
RθJL
70
18
°C/W
Peak Package Reflow Temperature During Reflow (5), (6)
TPPRT
Note 6
°C
Notes
1.
Exceeding these limits may cause malfunction or permanent damage to the device.
2.
Configured as low-side driver with 300 mA load as current limit.
3.
Configured as high-side driver with 300 mA load as current limit.
4.
With outputs OFF and 10 mA of test current for low-side driver, 30 mA test current for high-side driver.
5.
Maximum output clamp energy capability at 150
°C junction temperature using single non-repetitive pulse method.
6.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), and ESD2 testing is performed
in accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
7.
Maximum power dissipation with no heatsink used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com