Electronic Components Datasheet Search
  English  ▼

X  

1405850 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1405850
Description  SAC-8P-M12MR BK/.../... - Sensor/actuator cable
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1405850 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1405850 Datasheet HTML 1Page - PHOENIX CONTACT 1405850 Datasheet HTML 2Page - PHOENIX CONTACT 1405850 Datasheet HTML 3Page - PHOENIX CONTACT 1405850 Datasheet HTML 4Page - PHOENIX CONTACT 1405850 Datasheet HTML 5Page - PHOENIX CONTACT 1405850 Datasheet HTML 6Page - PHOENIX CONTACT 1405850 Datasheet HTML 7Page - PHOENIX CONTACT 1405850 Datasheet HTML 8Page - PHOENIX CONTACT 1405850 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Sensor/actuator cable, 8-position, Plug angled M12, coding: A, on free cable end, cable length:
Free input (0.2 ... 40.0 m)
Commercial data
Item number
1405850
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
BF17
Product key
BF1ICD
Weight per piece (including packing)
143.7 g
Weight per piece (excluding packing)
143.7 g
Customs tariff number
85444290
Country of origin
US
SAC-8P-M12MR BK/.../... - Sensor/actuator cable
1405850
https://www.phoenixcontact.com/us/products/1405850
Mar 7, 2024, 7:07 AM
Page 1 (21)


Similar Part No. - 1405850

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1405851 PHOENIX-1405851 Datasheet
562Kb / 22P
SAC-8P-M12FS BK/.../... - Sensor/actuator cable
1405852 PHOENIX-1405852 Datasheet
569Kb / 22P
SAC-8P-M12FR BK/.../... - Sensor/actuator cable
1405856 PHOENIX-1405856 Datasheet
422Kb / 11P
Network cable - NBC-M12MR-R4AC US/94B/...
1405857 PHOENIX-1405857 Datasheet
332Kb / 10P
NBC-M12MR-M12MR US/94B/... - Network cable
1405858 PHOENIX-1405858 Datasheet
366Kb / 10P
NBC-M12MR-M12FR US/94B/... - Network cable
More results

Similar Description - 1405850

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1417916 PHOENIX-1417916 Datasheet
119Kb / 7P
Sensor/Actuator cable - SAC-8P-MS/20,0-542/ FS SCO BK
1417921 PHOENIX-1417921 Datasheet
125Kb / 7P
Sensor/Actuator cable - SAC-8P-MS/ 3,0-542/FSSH SCO BK
1417923 PHOENIX-1417923 Datasheet
125Kb / 7P
Sensor/Actuator cable - SAC-8P-MS/ 5,0-542/FSSH SCO BK
1417925 PHOENIX-1417925 Datasheet
125Kb / 7P
Sensor/Actuator cable - SAC-8P-MS/15,0-542/FSSH SCO BK
1544882 PHOENIX-1544882 Datasheet
41Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MR/BI
1406087 PHOENIX-1406087 Datasheet
168Kb / 11P
Sensor/actuator cable - SAC-8P- 2,0-542/ FR SH SCO BK
09/11/2020
1406095 PHOENIX-1406095 Datasheet
175Kb / 11P
Sensor/actuator cable - SAC-8P-MR/ 1,5-542/ FS SCO BK
09/11/2020
1406105 PHOENIX-1406105 Datasheet
158Kb / 10P
Sensor/actuator cable - SAC-8P- 2,0-542/ FS SCO BK
09/11/2020
1522545 PHOENIX-1522545 Datasheet
161Kb / 12P
Sensor/actuator cable - SAC-8P-M12MR/ 1,5-PUR
09/11/2020
1522833 PHOENIX-1522833 Datasheet
167Kb / 12P
Sensor/actuator cable - SAC-8P-M12MR/ 5,0-PUR SH
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com