Electronic Components Datasheet Search
  English  ▼

X  

GDVJLPL1.14 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # GDVJLPL1.14
Description  The OSLON Pure® 1414, one of the best lumen density, excellent efficiency and color homogeneity.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GDVJLPL1.14 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button GDVJLPL1.14 Datasheet HTML 2Page - OSRAM GmbH GDVJLPL1.14 Datasheet HTML 3Page - OSRAM GmbH GDVJLPL1.14 Datasheet HTML 4Page - OSRAM GmbH GDVJLPL1.14 Datasheet HTML 5Page - OSRAM GmbH GDVJLPL1.14 Datasheet HTML 6Page - OSRAM GmbH GDVJLPL1.14 Datasheet HTML 7Page - OSRAM GmbH GDVJLPL1.14 Datasheet HTML 8Page - OSRAM GmbH GDVJLPL1.14 Datasheet HTML 9Page - OSRAM GmbH GDVJLPL1.14 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
GD VJLPL1.14
DATASHEET
DATASHEET
6 | Version 1.2 | 2024-04-03
Brightness Groups
Group
Total radiant flux 1)
Total radiant flux 1)
I
F = 350 mA
I
F = 350 mA
min.
max.
Φ
E
Φ
E
UN
610 mW
660 mW
UO
660 mW
710 mW
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 350 mA
I
F = 350 mA
min.
max.
V
F
V
F
K1
2.60 V
2.70 V
K2
2.70 V
2.80 V
L1
2.80 V
2.90 V
L2
2.90 V
3.00 V
M1
3.00 V
3.10 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 350 mA
I
F = 350 mA
min.
max.
λ
dom
λ
dom
3
449 nm
453 nm
4
453 nm
457 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com