Electronic Components Datasheet Search
  English  ▼

X  

AD9867 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9867
Description  Broadband Modem Mixed-Signal Front End
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9867 Datasheet(HTML) 1 Page - Analog Devices

  AD9867 Datasheet HTML 1Page - Analog Devices AD9867 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Broadband Modem
Mixed-Signal Front End
AD9867
Rev. SpA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
FUNCTIONAL BLOCK DIAGRAM
10
RX2–
4
5
AD9867
10
0 TO –7.5dB
REGISTER
CONTROL
ADC
80MSPS
TX_DISABLE
IOUT_P+
IOUT_P–
RX2+
TxDAC
2M CLK
MULTIPLIER
CLK
SYN/DIST
TX PWDN
DELAY
DCTCXO
2-POLE
LPF
1-POLE
LPF
0dB TO 6dB
Δ = 1dB
SPORT
1
RXSELECT
1
ATTEN/RXQUIET
AGC[4:0]
RXCLK
RXEN/RXSYNC
ADIO[9:5]/
Tx[4:0]
ADIO[4:0]/
Rx[4:0]
TXCLK/TXQUIET
TXEN/TXSYNC
PWR_DWN
OSCIN
XTAL
– 6dB TO +18dB
Δ = 6dB
–6dB TO +24dB
Δ = 6dB
THIRD-ORDER LPF
f–3dB = 33MHz
RX1–
RX1+
2×/4×
CLKOUT1
CLKOUT2
Low cost, 3.3 V CMOS MxFE® for broadband modems
10-bit digital-to-analog converter (DAC)
2×/4× interpolation filter
250 MSPS DAC update rate
10-bit, 75 MSPS ADC
Low noise RxPGA
Dual channel muxed input
6 dB input overload attenuator
−12 dB to +48 dB (without attenuator)
Third-order programmable low-pass filter
Flexible digital datapath interface
Half-duplex and full-duplex operation
Programmable delay Tx driver disable signal
Figure 1.
Various power-down/reduction modes
Internal clock multiplier (PLL)
2 auxiliary programmable clock outputs
64-lead LFCSP
APPLICATIONS
Power-line networking
GENERAL DESCRIPTION
The AD9867 is a mixed-signal front-end (MxFE) IC for
transceiver applications requiring Tx and Rx path functionality
with data rates up to 75 MSPS. Its flexible digital interface,
power-saving modes, and high Tx-to-Rx isolation make the
part well suited for half-duplex and full-duplex applications.
The digital interface is extremely flexible allowing simple
interfaces to digital back ends. Power-saving modes can reduce
power consumption of individual functional blocks or can
power down unused blocks in half-duplex applications. A serial
port interface (SPI®) allows software programming of the
various functional blocks. An on-chip PLL clock multiplier and
synthesizer provide all the required internal clocks, as well as
two external clocks from a single crystal or clock source.
The receive path consists of a programmable amplifier
(RxPGA), a tunable low-pass filter (LPF), and a 10-bit analog-
to-digital converter (ADC). The low noise RxPGA has a
programmable gain range of −12 dB to +48 dB in 1 dB steps.
Its input referred noise is less than 3.6 nV/√Hz for gain settings
beyond 36 dB. An optional attenuator provides an additional
6 dB (or more) of attenuation (when combined with external
series resistors). The receive path LPF cutoff frequency can
either be set over a 22 MHz to 38 MHz range or simply
bypassed. The 10-bit ADC achieves excellent dynamic
performance over a 5 MSPS to 75 MSPS span. Both the RxPGA
and the ADC offer scalable power consumption allowing
power/performance optimization.
The Tx signal path consists of a bypassable 2×/4× low-pass
interpolation filter and a 10-bit, 250 MSPS TxDAC. The
transmit path signal bandwidth can be as high as 33.6 MHz at
an input data rate of 75 MSPS. The TxDAC provides differential
current outputs that can be steered directly to a differential or
single-ended external load. Tx power can be digitally controlled
over a 7.5 dB range in 0.5 dB steps.
The AD9867 provides a highly integrated solution for
broadband modems. It is available in a space-saving, 64-lead
LFCSP and is specified over the commercial (−40°C to +85°C)
temperature range.
For more information on the AD9867, contact Analog Devices,
Inc. at email MxFE_Support@analog.com.


Similar Part No. - AD9867

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9860 AD-AD9860 Datasheet
617Kb / 32P
Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV.0
AD9860 AD-AD9860 Datasheet
386Kb / 32P
Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9860BST AD-AD9860BST Datasheet
617Kb / 32P
Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV.0
AD9860BST AD-AD9860BST Datasheet
386Kb / 32P
Mixed-Signal Front-End (MxFE) Processor
REV. 0
AD9860BST AD-AD9860BST Datasheet
386Kb / 32P
Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
More results

Similar Description - AD9867

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9875 AD-AD9875 Datasheet
288Kb / 24P
Broadband Modem Mixed-Signal Front End
REV.0
AD9975 AD-AD9975 Datasheet
1Mb / 20P
Broadband Modem Mixed-Signal Front End
REV.0
AD9865 AD-AD9865 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
11/04-Data Sheet Changed from Rev. 0 to Rev. A
AD9865 AD-AD9865_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. A
AD9866 AD-AD9866_15 Datasheet
1Mb / 48P
Broadband Modem Mixed-Signal Front End
REV. B
AD9875 AD-AD9875_15 Datasheet
2Mb / 28P
Broadband Modem Mixed-Signal Front End
REV. A
AD9876 AD-AD9876_15 Datasheet
672Kb / 24P
Broadband Modem Mixed-Signal Front End
REV. A
AD9975 AD-AD9975_15 Datasheet
1Mb / 20P
Broadband Modem Mixed-Signal Front End
REV. 0
AD9868 AD-AD9868_17 Datasheet
606Kb / 37P
Broadband Modem Mixed-Signal Front End
23-Feb-2017
AD9869 AD-AD9869_17 Datasheet
561Kb / 37P
Broadband Modem Mixed-Signal Front End
23-Feb-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com