Electronic Components Datasheet Search
  English  ▼

X  

LWQ98G.01 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LWQ98G.01
Description  The Chip LED 0603 is the product of choice for status indication in electronics.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWQ98G.01 Datasheet(HTML) 2 Page - OSRAM GmbH

  LWQ98G.01 Datasheet HTML 1Page - OSRAM GmbH LWQ98G.01 Datasheet HTML 2Page - OSRAM GmbH LWQ98G.01 Datasheet HTML 3Page - OSRAM GmbH LWQ98G.01 Datasheet HTML 4Page - OSRAM GmbH LWQ98G.01 Datasheet HTML 5Page - OSRAM GmbH LWQ98G.01 Datasheet HTML 6Page - OSRAM GmbH LWQ98G.01 Datasheet HTML 7Page - OSRAM GmbH LWQ98G.01 Datasheet HTML 8Page - OSRAM GmbH LWQ98G.01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LW Q98G.01
DATASHEET
DATASHEET
2 | Version 1.0 | 2023-02-09
Chip LED 0603
LW Q98G.01
The Chip LED 0603 is the product of choice for status indication
in electronics. The small package size allows compact designs
within 7-segment displays and simple backlighting applications
in dashboards and switches.
Applications
- Appliances & Tools
- Display Backlighting
- Factory Automation
- Home & Building Automation
- Projection & Display
- Static Signaling
- Transportation
Features
- Package: SMT package 0603, colored diffused resin
- Chip technology: InGaN on Sapphire
- Typ. Radiation: 120°
- Color: Cx = 0.30, Cy = 0.29 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 2B
- ESD: 1 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com